Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7201 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7201 Datasheet HTML 1Page - Diodes Incorporated AP7201 Datasheet HTML 2Page - Diodes Incorporated AP7201 Datasheet HTML 3Page - Diodes Incorporated AP7201 Datasheet HTML 4Page - Diodes Incorporated AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
4 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Electrical Characteristics
( TA = 25
oC, VIN = VEN, CIN = 1uF, COUT = 1uF unless otherwise stated )
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VIN
Operation Input Voltage Range
1.9
5.5
V
IQ
Input Quiescent Current
IOUT= 0
⎯
25
45
uA
IQ(OFF)
Input Shutdown Current
VEN = 0V
⎯
1
uA
ILK(OFF)
Input Leakage Current
VEN = 0V, OUT grounded
⎯
1
uA
VDropout
Dropout Voltage
VOUT = 1.8V, IOUT= 100mA
170
220
mV
VDropout
VOUT = 3.3V, IOUT= 100mA
100
150
mV
VOUT
Output Voltage Accuracy
-2
2
%
ΔVOUT/ΔVIN/VO
UT
Line Regulation
VIN = VOUT+0.2V (VIN > 1.9V) to
5.0V, IOUT= 1mA
0.01
0.2
%/V
ΔVOUT
Load Regulation
IOUT from 1mA to 100mA
5
30
mV
tST
Start-up Time
VEN = 0V to 2.0V, IOUT= 150mA
50
us
PSRR
PSRR
1kHz, IOUT= 30mA
78
dB
ISHORT
Short-circuit Current
VIN = 5.0V, VOUT < 0.2V
40
mA
ILIMIT
Current Limit
VIN = VOUT + 1.0V
300
mA
VIL
EN Input Logic Low Voltage
0.25
V
VIH
EN Input Logic High Voltage
1.6
V
IEN
EN Input Leakage
VEN = 0V or Vin
⎯
0.1
uA
TSHDN
Thermal Shutdown Threshold
145
°C
THYS
Thermal Shutdown Hysteresis
15
°C
θJA
Thermal Resistance
Junction-to-Ambient (Note 6)
DFN2018-6
70
oC/W
Notes:
6. Test condition for DFN2018-6: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad on top layer and 3 vias to
bottom layer 1.0”x1.4” ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com