Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPN3H60-H Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGIPN3H60-H
Description  3-phase inverters for motor drives
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60-H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGIPN3H60-H Datasheet HTML 4Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 5Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 6Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 7Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 8Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 9Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 10Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 11Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STGIPN3H60-H
8/23
DocID024132 Rev 4
3
Electrical characteristics
3.1
Inverter part
TJ = 25 °C unless otherwise specified.
Table 7: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector-emitter saturation
voltage
VCC = Vboot = 15 V, VIN(1) = 0 to 5 V, IC = 1 A
-
2.15
2.6
V
VCC = Vboot = 15 V, VIN(1) = 0 to 5 V, IC = 1 A,
TJ = 125 °C
-
1.65
ICES
Collector-cut off current
(VIN(1)
= 0 “logic state”)
VCE = 550 V, VCC = VBoot = 15 V
-
250
µA
VF
Diode forward voltage
VIN(1)
= 0 “logic state”, IC = 1 A
-
1.7
V
Notes:
(1)Applied between HINi, LINi and GND for i = U, V, W.
Table 8: Inductive load switching time and energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ton(1)
Turn-on time
VDD = 300 V,
VCC = Vboot = 15 V,
VIN(2) = 0 to 5 V,
IC = 1 A
(see Figure 4: "Switching time definition")
-
275
-
ns
tc(on)(1)
Crossover time (on)
-
90
-
toff(1)
Turn-off time
-
890
-
tc(off)(1)
Crossover time (off)
-
125
-
trr
Reverse recovery time
-
50
-
Eon
Turn-on switching energy
-
18
-
µJ
Eoff
Turn-off switching energy
-
13
-
Notes:
(1)tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are the switching time of IGBT itself under
the internally given gate driving condition.
(2)Applied between HINi, LINi and GND for i = U, V, W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com