Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPN3H60-H Datasheet(PDF) 22 Page - STMicroelectronics

Part # STGIPN3H60-H
Description  3-phase inverters for motor drives
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60-H Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STGIPN3H60-H Datasheet HTML 15Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 16Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 17Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 18Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 19Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 20Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 21Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 22Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
STGIPN3H60-H
22/23
DocID024132 Rev 4
7
Revision history
Table 18: Document revision history
Date
Revision
Changes
15-Jan-2013
1
Initial release.
02-May-2013
2
Modified: Figure 3 on page 8, Section 4 on page 14 and Figure 6 on
page 15.
14-Mar-2014
3
Updated Figure 3: Switching time test circuit, Table 9: Bootstrapped
voltage (VCC = 15 V unless otherwise specified) and Table 10: Logic
inputs (VCC = 15 V unless otherwise specified).
Updated Section 6: Package mechanical data.
08-Sep-2016
4
Updated Section 6.1: "NDIP-26L type C package information" and
Section 6.2: "NDIP-26L packing information"
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com