Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPN3H60-H Datasheet(PDF) 17 Page - STMicroelectronics

Part # STGIPN3H60-H
Description  3-phase inverters for motor drives
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60-H Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STGIPN3H60-H Datasheet HTML 13Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 14Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 15Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 16Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 17Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 18Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 19Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 20Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
STGIPN3H60-H
Application circuit example
DocID024132 Rev 4
17/23
5.1
Guidelines
Input signals HIN, LIN are active high logic. A 375 kΩ (typ.) pull down resistor is built-
in for each input. If an external RC filter is used, for noise immunity, pay attention to
the variation of the input signal level.
To prevent input signal oscillation, the wiring of each input should be as short as
possible.
By integrating an application-specific type HVIC inside the module, direct coupling to
the MCU terminals without an opto-coupler is possible.
Each capacitor should be located as close as possible to the pins of the IPM.
Low inductance shunt resistors should be used for phase leg current sensing.
Electrolytic bus capacitors should be mounted as close to the module bus terminals as
possible. Additional high frequency ceramic capacitors mounted close to the module
pins will further improve performance.
The SD /OD signal should be pulled up to 5 V / 3.3 V with an external resistor (see
Section 4: "Smart shutdown function" for detailed info).
These guidelines are useful for application design to ensure the specifications of the
device. For further details, please refer to the relevant application note AN4043.
Table 15: Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VPN
Supply voltage
Applied between P-Nu, Nv, Nw
300
500
V
VCC
Control supply voltage
Applied between VCC-GND
13.5
15
18
V
VBS
High side bias voltage
Applied between VBOOTi-OUTi
for i = U, V, W
13
18
V
tdead
Blanking time to prevent
Arm-short
For each input signal
1.5
µs
fPWM
PWM input signal
-40°C < Tc < 100 °C
-40°C < Tj < 125 °C
25
kHz
TC
Case operation
temperature
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com