Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97307 Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 122Page - National Semiconductor (TI) PC97307 Datasheet HTML 123Page - National Semiconductor (TI) PC97307 Datasheet HTML 124Page - National Semiconductor (TI) PC97307 Datasheet HTML 125Page - National Semiconductor (TI) PC97307 Datasheet HTML 126Page - National Semiconductor (TI) PC97307 Datasheet HTML 127Page - National Semiconductor (TI) PC97307 Datasheet HTML 128Page - National Semiconductor (TI) PC97307 Datasheet HTML 129Page - National Semiconductor (TI) PC97307 Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 218 page
background image
126
Parallel Port (Logical Device 4)
www.national.com
6.5.14
ECP Extended Data Register (EDR),
Offset 404h
This read/write register is the data port of the control regis-
ter indicated by the index stored in the EIR. Reading or writ-
ing this register reads or writes the data in the control
register whose second level offset is specified by the EIR.
FIGURE 6-28. EDR Register Bitmap
Bits 7-0 - Data Bits
These read/write data bits transfer data to and from the
Control Register pointed at by the EIR register.
6.5.15
ECP Extended Auxiliary Status Register (EAR),
Offset 405h
Upon reset, this register is initialized to 00h.
FIGURE 6-29. EAR Register Bitmap
Bits 6-0 - Reserved
These bits are reserved.
Bit 7 - FIFO Tag
Read only. In mode 011, when bit 5 of the DCR is 1
(backward direction), this bit reflects the value of the tag
bit (BUSY status) of the word currently in the bottom of
the FIFO.
In other modes this bit is indeterminate.
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Data
Register (EDR)
Offset 404h
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Auxiliary
Offset 405h
Reserved
FIFO Tag
Status Register (EAR)
6.5.16
Control0, Second Level Offset 00h
Upon reset, this register is initialized to 00h.
FIGURE 6-30. Control0 Register Bitmap
Bit 0 - EPP Time-Out Interrupt Mask
0 - The EPP time-out is masked.
1 - The EPP time-out is generated.
Bit 3-1 - Reserved
This bit is reserved.
Bit 4 - Freeze Bit
In mode 011, setting this bit to 1 freezes part of the in-
terface with the peripheral device, and clearing this bit to
0 releases and initializes it.
In all other modes the value of this bit is ignored.
Bit 5 - DCR Register Live
When this bit is 1, reading the DCR (see 6.5.6 on page
122) reads the interface control lines pin values regard-
less of the mode selected.
Otherwise, reading the DCR reads the content of the
register.
Bits 7, 6 - Reserved
This bit is reserved.
6.5.17
Control2, Second Level Offset 02h
Upon reset, this register is initialized to 00h.
FIGURE 6-31. Control2 Register Bitmap
76543210
Reset
Required
0
0
0
0
0
0
0
0
Control0 Register
Offset 00h
Reserved
EPP Time-Out
Reserved
Reserved
Reserved
Reserved
Freeze Bit
DCR Register Live
Second Level
Interrupt Mask
76543210
Reset
Required
0
0
0
0
0
0
0
0
Control2 Register
Offset 02h
Revision 1.7 or 1.9 Select
Channel Address Enable
EPP 1.7 ZWS Control
Reserved
Reserved
Reserved
Reserved
SPP Compatibility
Second Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com