Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87312VF Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87312VF Datasheet HTML 1Page - National Semiconductor (TI) PC87312VF Datasheet HTML 2Page - National Semiconductor (TI) PC87312VF Datasheet HTML 3Page - National Semiconductor (TI) PC87312VF Datasheet HTML 4Page - National Semiconductor (TI) PC87312VF Datasheet HTML 5Page - National Semiconductor (TI) PC87312VF Datasheet HTML 6Page - National Semiconductor (TI) PC87312VF Datasheet HTML 7Page - National Semiconductor (TI) PC87312VF Datasheet HTML 8Page - National Semiconductor (TI) PC87312VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Table of Contents
634 Line Status Register (LSR)
56
635 FIFO Control Register (FCR)
57
636 Interrupt Identification Register (IIR)
57
637 Interrupt Enable Register (IER)
57
638 MODEM Control Register (MCR)
58
639 MODEM Status Register (MSR)
59
6310 Scratchpad Register (SCR)
59
70 PARALLEL PORT
59
71 Introduction
59
72 Data Register (DTR)
60
73 Status Register (STR)
60
74 Control Register (CTR)
60
80 INTEGRATED DEVICE ELECTRONICS
INTERFACE (IDE)
61
81 Introduction
61
82 IDE Signals
61
90 DEVICE DESCRIPTION
62
91 DC Electrical Characteristics
62
92 AC Electrical Characteristics
64
921 AC Test Conditions
64
922 Clock Timing
64
923 Microprocessor Interface Timing
65
924 Baudout Timing
66
925 Transmitter Timing
67
926 Receiver Timing
68
927 MODEM Control Timing
69
928 DMA Timing
70
929 Reset Timing
71
9210 Write Data Timing
71
9211 Drive Control Timing
72
9212 Read Data Timing
72
9213 IDE Timing
72
9214 Parallel Port Timing
73
100 REFERENCE SECTION
74
101 Mnemonic Definitions for FDC Commands
74
102 Example Four Drive Circuit
Using the PC87311A12
75
List of Figures
FIGURE 2-1
PC87311A87312 Configuration Registers
12
FIGURE 3-1
FDC Functional Block Diagram
18
FIGURE 4-1
IBM Perpendicular and ISO Formats Supported by Format Command
30
FIGURE 5-1
FDC Data Separator Block Diagram
44
FIGURE 5-2
PC87311A87312 Dynamic Window Margin Performance
45
FIGURE 5-3
Read Data AlgorithmState Diagram
46
FIGURE 5-4
Perpendicular Recording Drive RW Head and Pre-Erase Head
46
FIGURE 6-1
PC87311A Composite Serial Data
48
FIGURE 6-2
PC87312 Composite Serial Data
54
FIGURE 9-1
Clock Timing
64
FIGURE 9-2
Microprocessor Read Timing
65
FIGURE 9-3
Microprocessor Write Timing
66
FIGURE 9-4
Baudout Timing
66
FIGURE 9-5
Transmitter Timing
67
FIGURE 9-6a
Receiver Timing
68
FIGURE 9-6b
PC87312 FIFO Mode Receiver Timing
68
FIGURE 9-6c
PC87312 Timeout Receiver Timing
69
FIGURE 9-7
MODEM Control Timing
69
FIGURE 9-8
DMA Timing
70
FIGURE 9-9
Reset Timing
71
FIGURE 9-10
Write Data Timing
71
FIGURE 9-11
Drive Control Timing
72
FIGURE 9-12
Read Data Timing
72
FIGURE 9-13
IDE Timing
72
FIGURE 9-14
Parallel Port Interrupt Timing (Compatible Mode)
73
FIGURE 9-15
Parallel Port Interrupt Timing (Extended Mode)
73
FIGURE 9-16
Typical Parallel Port Data Exchange
73
FIGURE 10-1
PC87311A87312 Four Floppy Drive Circuit
75
FIGURE 10-2
IDE Interface Signal Equations
75
FIGURE 10-3
PC87311A87312 Adapter Card Schematic
76
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com