Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87312VF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87312VF Datasheet HTML 1Page - National Semiconductor (TI) PC87312VF Datasheet HTML 2Page - National Semiconductor (TI) PC87312VF Datasheet HTML 3Page - National Semiconductor (TI) PC87312VF Datasheet HTML 4Page - National Semiconductor (TI) PC87312VF Datasheet HTML 5Page - National Semiconductor (TI) PC87312VF Datasheet HTML 6Page - National Semiconductor (TI) PC87312VF Datasheet HTML 7Page - National Semiconductor (TI) PC87312VF Datasheet HTML 8Page - National Semiconductor (TI) PC87312VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
List of Tables
TABLE 2-1
Default Configurations Controlled by Hardware
13
TABLE 2-2
Index and Data Register Optional Locations
14
TABLE 2-3
Primary and Secondary Drive Address Selection
15
TABLE 2-4
Encoded Drive and Motor Pin Information
15
TABLE 2-5
Parallel Port Addresses
16
TABLE 2-6a
COM Port Selection for UART1
16
TABLE 2-6b
COM Port Selection for UART2
16
TABLE 2-7
Address Selection for COM3 and COM4
16
TABLE 3-1
Register Description and Addresses
18
TABLE 3-2
Drive Enable Values
20
TABLE 3-3
Tape Drive Assignment Values
20
TABLE 3-4
Write Precompensation Delays
21
TABLE 3-5
Default Precompensation Delays
21
TABLE 3-6
Data Rate Select Encoding
22
TABLE 4-1
Typical Format Gap Length Values
31
TABLE 4-2
DENSEL Encoding
33
TABLE 4-3
DENSEL Default Encoding
33
TABLE 4-4
Effect of Drive Mode and Data Rate on Format and Write Commands
34
TABLE 4-4a
Effect of GAP and WG on Format and Write Commands
34
TABLE 4-5
Sector Size Selection
34
TABLE 4-6
SK Effect on Read Data Command
35
TABLE 4-7
Result Phase Termination Values with No Error
35
TABLE 4-8
SK Effect on Read Deleted Data Command
36
TABLE 4-9
Maximum Recalibrate Step Pulses Based on R255 and ETR
36
TABLE 4-10
Scan Command Termination Values
37
TABLE 4-11
Status Register 0 Termination Codes
38
TABLE 4-12
Set Track Register Address
38
TABLE 4-13
Step Rate (SRT) Values
38
TABLE 4-14
Motor Off Time (MFT) Values
39
TABLE 4-15
Motor On Time (MNT) Values
39
TABLE 4-16
Verify Command Result Phase Table
40
TABLE 6-1
PC87311A UART Register Addresses (AEN e 0)
48
TABLE 6-2
PC87311A Register Summary for an Individual UART Channel
49
TABLE 6-3
PC87311A UART Reset Configuration
50
TABLE 6-4
PC87311A UART Divisors Baud Rates and Clock Frequencies
51
TABLE 6-5
PC87311A Interrupt Control Functions
52
TABLE 6-6
PC87312 UART Register Addresses (AEN e 0)
53
TABLE 6-7
PC87312 Register Summary for an Individual UART Channel
54
TABLE 6-8
PC87312 UART Reset Configuration
55
TABLE 6-9
PC87312 UART Divisors Baud Rates and Clock Frequencies
56
TABLE 6-10
PC87312 Interrupt Control Functions
58
TABLE 7-1
Parallel Interface Register Addresses
59
TABLE 7-2
Data Register Read and Write Modes
59
TABLE 7-3
Parallel Port Mode of Operation
59
TABLE 7-4
Parallel Port Reset States
60
TABLE 8-1
IDE Registers and Their ISA Addresses
61
TABLE 9-1
Nominal tICP tDRP Values
64
TABLE 9-2
Minimum tWDW Values
71
TABLE 10-1
PC87311A87312 Four Floppy Drive Encoding
75
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com