Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87312VF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC87312VF Datasheet HTML 3Page - National Semiconductor (TI) PC87312VF Datasheet HTML 4Page - National Semiconductor (TI) PC87312VF Datasheet HTML 5Page - National Semiconductor (TI) PC87312VF Datasheet HTML 6Page - National Semiconductor (TI) PC87312VF Datasheet HTML 7Page - National Semiconductor (TI) PC87312VF Datasheet HTML 8Page - National Semiconductor (TI) PC87312VF Datasheet HTML 9Page - National Semiconductor (TI) PC87312VF Datasheet HTML 10Page - National Semiconductor (TI) PC87312VF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
A9–A0
21–30
I
Address
These address lines from the microprocessor determine which internal register is accessed
A0 – A9 are don’t cares during an FDC DMA transfer
ACK
85
I
Acknowledge
This input is pulsed low by the printer to indicate that it has received data from the
parallel port This pin has a nominal 25 kX pull-up resistor attached
AFD
78
O
Automatic Feed XT
When this signal is low the printer should automatically line feed after each line is
printed This pin will be in a TRI-STATE condition 10 ns after a zero is loaded into the corresponding
Control Register bit The system should pull this pin high using a 47 kX resistor
AEN
20
I
Address Enable
This input disables function selection via A9 – A0 when it is high Access to the FDC
Data Register during DMA transfer is NOT affected by this pin
BADDR0
55
I
Base Address
This bit determines one of two base addresses from which the Index and Data
Registers will be offset (see Table 2-2) An internal pull-down resistor of 40 kX is on each pin Use a
10 kX resistor to pull this pin to the required level during reset
BOUT12
73 65
O
BAUD Output
This multi-function pin provides the associated serial channel Baud Rate generator
output signal if test mode is selected in the Power and Test Configuration Register and the DLAB bit
(LCR7) is set After Master Reset this pin provides the SOUT function (See SOUT and CFG0 – 4 for
further information)
BUSY
84
I
Busy
This pin is set high by the printer when it can’t accept another character This pin has a nominal
25 kX pull-down resistor attached to it
CFG0 – 4
65 66
I
Default Configuration
These CMOS inputs select 1 of 32 default configurations in which the
PC87311A12 will power-up (see Table 2-1) An internal pull-down resistor of 40 kX is on each pin
71 73
Usea10kX resistor to pull these pins to the required level during reset
74
CSOUT
3O
Chip Select Output
When the associated bit in the Power and Test Configuration Register is set this
multi-function pin provides an active signal each time the internal address decoder decodes an
address enabled for the PC87311A12 (See PWDN for further information)
CTS12
72 64
I
Clear to Send
When low this indicates that the MODEM or data set is ready to exchange data The
CTS signal is a MODEM status input whose condition the CPU can test by reading bit 4 (CTS) of the
MODEM Status Register (MSR) for the appropriate serial channel Bit 4 is the complement of the CTS
signal Bit 0 (DCTS) of the MSR indicates whether the CTS input has changed state since the previous
reading of the MSR CTS has no effect on the transmitter
Note
Whenever the DCTS bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
D7–D0
10–17
I O
Data
Bi-directional data lines to the microprocessor D0 is the LSB and D7 is the MSB These signals
all have 24 mA (sink) buffered outputs
DACK
5I
DMA Acknowledge
Active low input to acknowledge the FDC DMA request and enable the RD and
WR inputs during a DMA transfer When in PC-AT or Model 30 mode this signal is enabled by bit D3 of
the Digital Output Register (DOR) When in PS2 mode DACK is always enabled and bit D3 of the
DOR is reserved DACK should be held high during PIO accesses
DCD12
77 69
I
Data Carrier Detect
When low this indicates that the data carrier has been detected by the MODEM
or data set The DCD signal is a MODEM status input whose condition the CPU can test by reading bit
7 (DCD) of the MODEM Status Register (MSR) for the appropriate serial channel Bit 7 is the
complement of the DCD signal Bit 3 (DDCD) of the MSR indicates whether the DCD input has
changed state since the previous reading of the MSR
Note
Whenever the DDCD bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
DENSEL
48
O
Density Select
Indicates when a high FDC density data rate (500 kbs or 1 Mbs) or a low density
data rate (250 or 300 kbs) has been selected DENSEL is active high for high density (525 drives)
when IDENT is high and active low for high density (35 drives) when IDENT is low DENSEL is also
programmable via the Mode command (see Section 426)
DIR
41
O
Direction
This output determines the direction of the floppy disk drive (FDD) head movement (active
e
step in inactive e step out) during a seek operation During read or writes DIR will be inactive
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com