Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS35K60L1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPS35K60L1
Description  Short-circuit rugged IGBTs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS35K60L1 Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPS35K60L1 Datasheet HTML 1Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 2Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 3Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 4Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 5Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 6Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 7Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
August 2012
Doc ID 018864 Rev 3
1/21
21
STGIPS35K60L1
SLLIMM™ (small low-loss intelligent molded module)
IPM, single phase - 35 A, 600 V short-circuit rugged IGBT
Datasheet
− production data
Features
■ IPM 35 A, 600 V single phase IGBT including
control ICs for gate driving and free-wheeling
diodes
■ Short-circuit rugged IGBTs
■ VCE(sat) negative temperature coefficient
■ 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull down /
pull up resistors
■ Undervoltage lockout
■ Internal bootstrap diode
■ Dead time and interlocking function
■ Smart shutdown function
■ Comparator for fault protection against over
temperature and overcurrent
■ Op amp for advanced current sensing
■ DBC substrate leading to low thermal
resistance
■ Isolation rating of 2500 Vrms/min
■ 4.7 k
Ω NTC for temperature control
■ UL Recognized : UL1557 file E81734
Applications
■ Power inverters for compressors
Description
This intelligent power module provides a compact,
high performance AC motor drive for a simple and
rugged design. It targets power inverters for air
conditioners. It combines ST proprietary control
ICs with the most advanced short-circuit rugged
IGBT system technology. SLLIMM™ is a
trademark of STMicroelectronics.
SDIP-22L
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGIPS35K60L1
GIPS35K60L1
SDIP-22L
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STGIPS35K60L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
12-Jul-2013
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
12-Jul-2013
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
SLLIMM™ small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
10-Apr-2015
More results

Similar Description - STGIPS35K60L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
SLLIMM™- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
22-Dec-2015
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
Inverter stage IGBT short circuit rugged based
19-Jul-2007
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
Short-circuit rugged IGBT
14-Apr-2015
STGIPS10K60T-H STMICROELECTRONICS-STGIPS10K60T-H Datasheet
688Kb / 19P
Short-circuit rugged IGBTs
14-Apr-2015
STGIPS15C60-H STMICROELECTRONICS-STGIPS15C60-H Datasheet
707Kb / 20P
Short-circuit rugged IGBTs
09-Apr-2015
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
SLLIMM™nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
16-Dec-2016
STGIPQ5C60T-HL STMICROELECTRONICS-STGIPQ5C60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3-phase inverter, 5 A, 600 V short-circuit rugged IGBTs
March 2017 Rev 7
STGIPQ5C60T-HLS STMICROELECTRONICS-STGIPQ5C60T-HLS Datasheet
1Mb / 27P
SLLIMM™ nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
March 2019 Rev 5
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
27-Aug-2014
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
27-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com