Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS35K60L1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGIPS35K60L1
Description  Short-circuit rugged IGBTs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS35K60L1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGIPS35K60L1 Datasheet HTML 6Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 7Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 9Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 10Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 11Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 12Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 13Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
STGIPS35K60L1
10/21
Doc ID 018864 Rev 3
Table 11.
Op amp characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vic = 0 V, Vo = 7.5 V
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
440
nA
Iib
Input bias current (1)
100
200
nA
Vicm
Input common mode voltage
range
0V
VOL
Low level output voltage
RL = 10 kΩ to VCC
75
150
mV
VOH
High level output voltage
RL = 10 kΩ to GND
14
14.7
V
Io
Output short circuit current
Source, Vid = +1; Vo = 0 V
16
30
mA
Sink, Vid = -1; Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1 - 4 V; CL = 100 pF;
unity gain
2.5
3.8
V/µs
GBWP
Gain bandwidth product
Vo = 7.5 V
8
12
MHz
Avd
Large signal voltage gain
RL = 2 kΩ
70
85
dB
SVR
Supply voltage rejection ratio
vs. VCC
60
75
dB
CMRR
Common mode rejection ratio
55
70
dB
1.
The direction of input current is out of the IC.
Table 12.
Sense comparator characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib
Input bias current
VCP+ = 1 V
-
1
µA
Vol
Open-drain low-level output
voltage
Iod = 3 mA
-
0.5
V
td_comp
Comparator delay
SD/OD pulled to 5 V through
100 k
Ω resistor
-
90
130
ns
SR
Slew rate
CL = 180 pF; Rpu = 5 kΩ
-60
V/µsec
tsd
Shutdown to high / low side
driver propagation delay
VOUT = 0, Vboot = VCC,
VIN = 0 to 3.3 V
50
125
200
ns
tisd
Comparator triggering to high /
low side driver turn-off
propagation delay
Measured applying a voltage
step from 0 V to 3.3 V to pin
CINi
50
200
250
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com