| Electronic Components Datasheet Search |
|
STGIPS35K60L1 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGIPS35K60L1 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 21 page ![]() STGIPS35K60L1 Smart shutdown function Doc ID 018864 Rev 3 15/21 4 Smart shutdown function The STGIPS35K60L1 integrates a comparator for fault sensing purposes. The comparator non-inverting input (CIN) can be connected to an external shunt resistor in order to implement a simple overcurrent protection function. When the comparator triggers, the device is set in shutdown state and both its outputs are set to low-level leading the half- bridge in tri-state. In the common overcurrent protection architectures the comparator output is usually connected to the shutdown input through a RC network, in order to provide a mono-stable circuit, which implements a protection time that follows the fault condition. Our smart shutdown architecture allows to immediately turn-off the output gate driver in case of overcurrent, the fault signal has a preferential path which directly switches off the outputs. The time delay between the fault and the outputs turn-off is no more dependent on the RC values of the external network connected to the shutdown pin. At the same time the internal logic turns on the open-drain output and holds it on until the shutdown voltage goes below the logic input lower threshold. Finally the smart shutdown function provides the possibility to increase the real disable time without increasing the constant time of the external RC network. Figure 9. Smart shutdown timing waveforms Pls refer to Table 12 for internal propagation delay time details. HIN/LIN HVG/LVG SD/OD open drain gate (internal) upper threshold lower threshold comp Vref CP+ PROTECTION Fast shut down: the driver outputs are set in SD state immediately after the comparator triggering even if the SD signal has not yet reach the lower input threshold real disable time 2 1 1 2 = (RON_OD // RSD) CSD = RSD CSD SD/OD FROM/TO CONTROLLER VBIAS SMART SD LOGIC CSD RSD RON_OD SHUT DOWN CIRCUIT TIME CONSTANTS Obsolete Product(s) - Obsolete Product(s) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |