| Electronic Components Datasheet Search |
|
THS4502/3 Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS4502/3 Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 40 page ![]() THS4503−EP SGLS291A − APRIL 2005 − JANUARY 2012 www.ti.com 32 EVALUATION FIXTURES, SPICE MODELS, AND APPLICATIONS SUPPORT Texas Instruments is committed to providing its customers with the highest quality of applications support. To support this goal, an evaluation board has been developed for the THS4500 family of fully differential amplifiers. The evaluation board can be obtained by ordering through the Texas Instruments web site, www.ti.com, or through your local Texas Instruments sales representative. Schematic for the evaluation board is shown below with their default component values. Unpopulated footprints are shown to provide insight into design flexibility. Figure 116 _ + 4 5 3 7 2 6 VOCM −VS PwrPad VS PD 1 8 R0805 R4 C4 C0805 R5 R0805 C3 C0805 R6 R7 R0805 R0805 C5 C6 C0805 C0805 C7 C0805 J2 J3 J2 J3 R2 R0805 R3 R0805 C1 C0805 C2 C0805 R1 R1206 J1 3 1 4 5 6 R11 R1206 R9 R0805 R8 R9 R0805 R0805 J2 J3 J4 T1 U1 THS450X Simplified Schematic of the Evaluation Board. Power Supply Decoupling, VOCM, and Power Down Circuitry Not Shown Computer simulation of circuit performance using SPICE is often useful when analyzing the performance of analog circuits and systems. This is particularly true for video and RF amplifier circuits where parasitic capacitance and inductance can have a major effect on circuit performance. A SPICE model for the THS4500 family of devices is available through the Texas Instruments web site (www.ti.com). The PIC is also available for design assistance and detailed product information. These models do a good job of predicting small-signal ac and transient performance under a wide variety of operating conditions. They are not intended to model the distortion characteristics of the amplifier, nor do they attempt to distinguish between the package types in their small-signal ac performance. Detailed information about what is and is not modeled is contained in the model file itself. ADDITIONAL REFERENCE MATERIAL D PowerPAD Made Easy, application brief, Texas Instruments (SLMA004) D PowerPAD Thermally Enhanced Package, technical brief, Texas Instruments (SLMA002) D Karki, James. Fully Differential Amplifiers. application report, Texas Instruments (SLOA054D) D Karki, James. Fully Differential Amplifiers Applications: Line Termination, Driving High-Speed ADCs, and Differential Transmission Lines. Texas Instruments Analog Applications Journal, February 2001 D Carter, Bruce. A Differential Op-Amp Circuit Collection. application report, Texas Instruments (SLOA064) D Carter, Bruce. Differential Op-Amp Single-Supply Design Technique, application report, Texas Instruments (SLOA072) D Karki, James. Designing for Low Distortion with High-Speed Op Amps. Texas Instruments Analog Applications Journal, July 2001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |