Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6984 Datasheet(PDF) 8 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 4Page - STMicroelectronics A6984 Datasheet HTML 5Page - STMicroelectronics A6984 Datasheet HTML 6Page - STMicroelectronics A6984 Datasheet HTML 7Page - STMicroelectronics A6984 Datasheet HTML 8Page - STMicroelectronics A6984 Datasheet HTML 9Page - STMicroelectronics A6984 Datasheet HTML 10Page - STMicroelectronics A6984 Datasheet HTML 11Page - STMicroelectronics A6984 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Electrical characteristics
A6984
8/47
DocID030396 Rev 1
IQ OPVIN
Quiescent current from VIN
LCM - SWO
VREF < VFB < VOVP (SLEEP)
VBIAS = 3.3 V
(2)
11
26
41
A
LCM - NO SWO
VREF < VFB < VOVP (SLEEP)
VBIAS = GND
(2)
90
160
230
LNM - SWO
VREF < VFB < VOVP
VBIAS = 3.3 V
-11
26
42
LNM - NO SWO
VREF < VFB < VOVP
VBIAS = GND
-
200
320
440
IQ OPVBIAS Quiescent current from VBIAS
LCM - SWO
VREF < VFB < VOVP (SLEEP)
VBIAS = 3.3 V
(2)
80
150
200
LNM - SWO
VREF < VFB < VOVP
VBIAS = 3.3 V
-
180
300
390
Enable
EN
EN thresholds
Device inhibited
-
1.1
-
-
V
Device enabled
-
-
-
2.6
EN hysteresis
-
(3)
-650
-
mV
Overvoltage protection
VOVP
Overvoltage trip (VOVP/VREF)
Rising edge
18
23
28
%
PGOOD
VPGD L
Power good LOW threshold
VFB rising edge
(PGOOD high impedance)
(3)
-90
-
%
VFB falling edge
(PGOOD low impedance)
-84
88
92
VPGD H
Power good HIGH threshold
Internal FB rising edge
(PGOOD low impedance)
VFB = VCC
-
118
123
128
Internal FB falling edge
(PGOOD high impedance)
VFB = VCC
(3)
-
100
-
VPGOOD
PGOOD open collector output
VIN > VIN_UVLO_H,
VFB=GND
4 mA sinking load
--
-
0.6
V
2.9 < VIN < VIN_UVLO_H
100
A sinking load
--
-
0.6
V
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com