Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6984 Datasheet(PDF) 37 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 33Page - STMicroelectronics A6984 Datasheet HTML 34Page - STMicroelectronics A6984 Datasheet HTML 35Page - STMicroelectronics A6984 Datasheet HTML 36Page - STMicroelectronics A6984 Datasheet HTML 37Page - STMicroelectronics A6984 Datasheet HTML 38Page - STMicroelectronics A6984 Datasheet HTML 39Page - STMicroelectronics A6984 Datasheet HTML 40Page - STMicroelectronics A6984 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
DocID030396 Rev 1
37/47
A6984
Design of the power components
47
In Table 7 some inductor part numbers are listed.
5.3
Output capacitor selection
5.3.1
Output voltage ripple
The triangular shape current ripple (with zero average value) flowing into the output
capacitor gives the output voltage ripple, that depends on the capacitor value and the
equivalent resistive component (ESR). As a consequence the output capacitor has to be
selected in order to have a voltage ripple compliant with the application requirements.
The voltage ripple equation can be calculated as:
Equation 34
Usually the resistive component of the ripple can be neglected if the selected output
capacitor is a multilayer ceramic capacitor (MLCC).
For example with VOUT = 3.3 V, VIN = 12 V, IL = 0.12 A, fSW = 600 kHz (resulting by the
inductor value) and COUT = 4.7 F MLCC:
Equation 35
The output capacitor value has a key role to sustain the output voltage during a steep load
transient. When the load transient slew rate exceeds the system bandwidth, the output
capacitor provides the current to the load. In case the final application specifies a high slew
rate load transient, the system bandwidth must be maximized and the output capacitor has
to sustain the output voltage for time response shorter than the loop response time.
Table 7. Inductors
Manufacturer
Series
Inductor value (
H)
Saturation current (A)
Coilcraft
LPS6225
47 to 150
0.98 to 0.39
LPS5030
10 to 47
1.4 to 0.5
V
OUT
ESR
I
MAX
I
MAX
8C
OUT
f
SW

-------------------------------------
+
=
V
OUT
V
OUT
------------------
1
V
OUT
--------------
I
MAX
8C
OUT
f
SW

-------------------------------------
1
3.3
--------
0.12
84.7
F600kHz

-------------------------------------------------


5mV
3.3
-------------
=
0.15%
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com