Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6984 Datasheet(PDF) 41 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 37Page - STMicroelectronics A6984 Datasheet HTML 38Page - STMicroelectronics A6984 Datasheet HTML 39Page - STMicroelectronics A6984 Datasheet HTML 40Page - STMicroelectronics A6984 Datasheet HTML 41Page - STMicroelectronics A6984 Datasheet HTML 42Page - STMicroelectronics A6984 Datasheet HTML 43Page - STMicroelectronics A6984 Datasheet HTML 44Page - STMicroelectronics A6984 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
DocID030396 Rev 1
41/47
A6984
Efficiency curves
47
7
Efficiency curves
Figure 31. VIN 12 V - VOUT 5 V (linear scale)
Figure 32. VIN 24 V - VOUT 5 V (linear scale)
Figure 33. VIN 12 V - VOUT 3.3 V (linear scale)
Figure 34. VIN 12 V - VOUT 5 V (log scale)
Figure 35. VIN 24V - VOUT 5 V (log scale)
Figure 36. VIN 12 V - VOUT 3.3 V (log scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com