Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6564H Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6564H
Description  High voltage startup transition-mode PFC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564H Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6564H Datasheet HTML 19Page - STMicroelectronics L6564H Datasheet HTML 20Page - STMicroelectronics L6564H Datasheet HTML 21Page - STMicroelectronics L6564H Datasheet HTML 22Page - STMicroelectronics L6564H Datasheet HTML 23Page - STMicroelectronics L6564H Datasheet HTML 24Page - STMicroelectronics L6564H Datasheet HTML 25Page - STMicroelectronics L6564H Datasheet HTML 26Page - STMicroelectronics L6564H Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
L6564H
Application information
Doc ID 022960 Rev 2
23/35
Figure 35.
THD optimization: standard TM PFC controller (left side) and L6564H (right side)
Essentially, the circuit artificially increases the ON-time of the power switch with a positive
offset added to the output of the multiplier in the proximity of the line voltage zero-crossings.
This offset is reduced as the instantaneous line voltage increases, so that it becomes
negligible as the line voltage moves toward the top of the sinusoid. Furthermore, the offset is
modulated by the voltage on the VFF pin (see
Section 6.3) so as to have little offset at low
line, where energy transfer at zero crossings is typically quite good, and a larger offset at
high line where the energy transfer worsens.
The effect of the circuit is shown in
Figure 35, where the key waveforms of a standard TM
PFC controller are compared to those of this chip.
To take maximum benefit from the THD optimizer circuit, the high-frequency filter capacitor
after the bridge rectifier should be minimized, compatibly with EMI filtering needs. A large
capacitance, in fact, introduces a conduction dead-angle of the AC input current in itself -
even with an ideal energy transfer by the PFC pre-regulator - therefore reducing the
effectiveness of the optimizer circuit.
6.5
Inductor saturation detection
The boost inductor's hard saturation may be a fatal event for a PFC pre-regulator: the
current up-slope becomes so large (50-100 times steeper, see
Figure 36) that during the
current sense propagation delay the current may reach abnormally high values. The voltage
drop caused by this abnormal current on the sense resistor reduces the gate-to-source
voltage, so that the MOSFET may work in the active region and dissipate a huge amount of
power, which leads to a catastrophic failure after few switching cycles.
However, in some applications such as AC-DC adapters, where the PFC pre-regulator is
turned off at light load for energy saving reasons, even a well-designed boost inductor may
Imains
Vdrain
Imains
Vdrain
Input current
Input current
MOSFET's drain voltage
MOSFET's drain voltage
Rectified mains voltage
Rectified mains voltage
Input current
Input current
AM11461v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com