Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87363 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 41Page - National Semiconductor (TI) PC87363 Datasheet HTML 42Page - National Semiconductor (TI) PC87363 Datasheet HTML 43Page - National Semiconductor (TI) PC87363 Datasheet HTML 44Page - National Semiconductor (TI) PC87363 Datasheet HTML 45Page - National Semiconductor (TI) PC87363 Datasheet HTML 46Page - National Semiconductor (TI) PC87363 Datasheet HTML 47Page - National Semiconductor (TI) PC87363 Datasheet HTML 48Page - National Semiconductor (TI) PC87363 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 200 page
background image
2.0 Device Architecture and Configuration (Continued)
45
www.national.com
2.8.4
SuperI/O Configuration 3 Register (SIOCF3)
Location:
Index 23h
Type:
Varies per bit
Bit
76
5
43210
Name
Pin 57
Function
Select
Pin 56
Function
Select
Pins 54, 55
Function
Select
Pin 53
Function
Select
Reserved
Pin 21
Function
Select
Pin 9
Function
Select
Pin 8
Function
Select
Reset
0
0
0
00011
Bit
Description
7
Pin 57 Function Select. This is a R/W bit.
0: GPO15 (default)
1: IRTX
6
Pin 56 Function Select. This is a R/W bit.
0: GPIO14 (default)
1: WDO
5
Pins 54, 55 Function Select. This is a R/W bit.
0: GPIO12/GPIO13 (default)
1: SCL/SDA
4
Pin 53 Function Select. This is a RO bit.
0: GPIO11 (default)
1: Reserved
3
Reserved
2
Pin 21 Function Select. This is a R/W bit.
0: GPIO10 (default)
1: SMI
1
Pin 9 Function Select. This is a R/W bit.
0: GPIO07
1: GA20 (P21) (default)
0
Pin 8 Function Select. This is a R/W bit.
0: GPIO06
1: KBRST (P20) (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com