Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87363 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 42Page - National Semiconductor (TI) PC87363 Datasheet HTML 43Page - National Semiconductor (TI) PC87363 Datasheet HTML 44Page - National Semiconductor (TI) PC87363 Datasheet HTML 45Page - National Semiconductor (TI) PC87363 Datasheet HTML 46Page - National Semiconductor (TI) PC87363 Datasheet HTML 47Page - National Semiconductor (TI) PC87363 Datasheet HTML 48Page - National Semiconductor (TI) PC87363 Datasheet HTML 49Page - National Semiconductor (TI) PC87363 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 200 page
background image
2.0 Device Architecture and Configuration (Continued)
46
www.national.com
2.8.5
SuperI/O Configuration 4 Register (SIOCF4)
Location:
Index 24h
Type:
R/W
Bit
76543210
Name
Pin 127
Function
Select
Pins 125,126
Function
Select
PIns 117-124
Function
Select
Pin 71
Function
Select
Pin 69
Function
Select
Reset
00000000
Bit
Description
7-6
Pin 127 Function Select.
Bits
7 6
Function
0 0
GPIO32 (default)
0 1
P16
1 0
IRSL1
1 1
Reserved
5
Pins 125,126 Function Select
0: GPIO30,31 (default)
1: MDTX, MDRX
4
Pins 117-124 Function Select
0: GPIO20-27 (default)
1: JOYAX, JOYAY, JOYABTN0, JOYABTN1, JOYBX, JOYBY, JOYBBTN0, JOYBBTN1
3-2
Pin 71 Function Select.
Bits
3 2
Function
0 0
GPIO17 (default)
0 1
DR1
1 0
IRSL3
1 1
Reserved
1-0
Pin 69 Function Select.
Bits
1 0
Function
0 0
GPIO16 (default)
0 1
MTR1
1 0
IRSL2
1 1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com