Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGFW20H65FB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGFW20H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW20H65FB Datasheet(HTML) 1 Page - STMicroelectronics

  STGFW20H65FB Datasheet HTML 1Page - STMicroelectronics STGFW20H65FB Datasheet HTML 2Page - STMicroelectronics STGFW20H65FB Datasheet HTML 3Page - STMicroelectronics STGFW20H65FB Datasheet HTML 4Page - STMicroelectronics STGFW20H65FB Datasheet HTML 5Page - STMicroelectronics STGFW20H65FB Datasheet HTML 6Page - STMicroelectronics STGFW20H65FB Datasheet HTML 7Page - STMicroelectronics STGFW20H65FB Datasheet HTML 8Page - STMicroelectronics STGFW20H65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
August 2014
DocID026826 Rev 1
1/20
20
STGFW20H65FB, STGW20H65FB,
STGWT20H65FB
Trench gate field-stop IGBT, HB series
650 V, 20 A high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 1.55 V (typ.) @ IC = 20 A
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Lead free package
Applications
• Photovoltaic inverters
• High frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate and field-stop
structure. The device is part of the new HB series
of IGBTs, which represent an optimum
compromise between conduction and switching
losses to maximize the efficiency of any
frequency converter. Furthermore, a slightly
positive VCE(sat) temperature coefficient and very
tight parameter distribution result in safer
paralleling operation.
TO-247
1
2
3
TO-3P
1
2
3
TAB
1
1
1
1
2
3
TO-3PF
C (2, TAB)
E (3)
G (1)
Table 1. Device summary
Order codes
Marking
Package
Packaging
STGFW20H65FB
GFW20H65FB
TO-3PF
Tube
STGW20H65FB
GW20H65FB
TO-247
Tube
STGWT20H65FB
GWT20H65FB
TO-3P
Tube
www.st.com


Similar Part No. - STGFW20H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
14-Feb-2017
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
More results

Similar Description - STGFW20H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
13-Jul-2016
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
27-Jun-2016
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGFW40H65FB STMICROELECTRONICS-STGFW40H65FB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
21-Mar-2017
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
20-Jun-2019
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
Trench gate field-stop 650 V, 40 A high speed HB series IGBT
19-Jun-2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
20-Jun-2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
Trench gate field-stop 650 V, 60 A high speed HB series IGBT
22-Jul-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com