Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT20H60DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWT20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT20H60DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWT20H60DF Datasheet HTML 2Page - STMicroelectronics STGWT20H60DF Datasheet HTML 3Page - STMicroelectronics STGWT20H60DF Datasheet HTML 4Page - STMicroelectronics STGWT20H60DF Datasheet HTML 5Page - STMicroelectronics STGWT20H60DF Datasheet HTML 6Page - STMicroelectronics STGWT20H60DF Datasheet HTML 7Page - STMicroelectronics STGWT20H60DF Datasheet HTML 8Page - STMicroelectronics STGWT20H60DF Datasheet HTML 9Page - STMicroelectronics STGWT20H60DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STGW20H60DF, STGWT20H60DF
6/17
DocID024745 Rev 1
Table 8. Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
F
Forward on-voltage
I
F
= 20 A
I
F
= 20 A, T
J
= 175 °C
-
1.8
1.3
2.2
V
V
t
rr
Reverse recovery time
V
r
= 60 V; IF = 20 A;
di
F
/dt = 100 A / μs
-90
-
ns
Q
rr
Reverse recovery charge
110
nC
I
rrm
Reverse recovery current
2.4
A
t
rr
Reverse recovery time
V
r
= 60 V; IF = 20 A;
di
F
/dt = 100 A / μs
T
J
= 175 °C
-
180
-
ns
Q
rr
Reverse recovery charge
-
466
-
nC
I
rrm
Reverse recovery current
-
5.2
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com