Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT20H60DF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGWT20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT20H60DF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGWT20H60DF Datasheet HTML 6Page - STMicroelectronics STGWT20H60DF Datasheet HTML 7Page - STMicroelectronics STGWT20H60DF Datasheet HTML 8Page - STMicroelectronics STGWT20H60DF Datasheet HTML 9Page - STMicroelectronics STGWT20H60DF Datasheet HTML 10Page - STMicroelectronics STGWT20H60DF Datasheet HTML 11Page - STMicroelectronics STGWT20H60DF Datasheet HTML 12Page - STMicroelectronics STGWT20H60DF Datasheet HTML 13Page - STMicroelectronics STGWT20H60DF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics
STGW20H60DF, STGWT20H60DF
10/17
DocID024745 Rev 1
Figure 18. Short-circuit time and current vs. VGE
Figure 19. Power dissipation vs. case
temperature
tsc
12
8
4
10
VGE(V)
(µs)
11
tsc
Isc
12
VCC= 360 V, Rg = 10
Ω
13
14
16
Isc
(A)
50
150
250
350
AM16298V1
Ptot
120
80
40
0
050
TC(°C)
125
(W)
25
75
160
100
150
AM16281V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com