Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT20H60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGWT20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT20H60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGWT20H60DF Datasheet HTML 4Page - STMicroelectronics STGWT20H60DF Datasheet HTML 5Page - STMicroelectronics STGWT20H60DF Datasheet HTML 6Page - STMicroelectronics STGWT20H60DF Datasheet HTML 7Page - STMicroelectronics STGWT20H60DF Datasheet HTML 8Page - STMicroelectronics STGWT20H60DF Datasheet HTML 9Page - STMicroelectronics STGWT20H60DF Datasheet HTML 10Page - STMicroelectronics STGWT20H60DF Datasheet HTML 11Page - STMicroelectronics STGWT20H60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
STGW20H60DF, STGWT20H60DF
8/17
DocID024745 Rev 1
Figure 6. Collector current vs. case temperature
Figure 7. Collector current vs. frequency
Figure 8. VCE(sat) vs. junction temperature
Figure 9. VCE(sat) vs. collector current
Figure 10. Forward bias safe operating area
Figure 11. Thermal impedance
IC
24
16
8
0
050
TC(°C)
100
(A)
25
75
32
40
125
AM16282v1
IC
30
20
10
1
f(kHz)
(A)
Tc= 80°C
Rectangular current shape
(duty cycle= 0.5, VCC= 400 V
Rg = 10
Ω, VGE= 0/15V, TJ= 175°C
10
40
Tc= 100°C
50
60
AM162981V1
VCE(sat)
1.9
1.7
1.5
1.3
-75
25
TJ(°C)
125
(V)
-25
75
2.1
2.3
IC= 40 A
VGE= 15 V
IC= 20 A
IC= 10 A
AM16290V1
VCE(sat)
2.2
1.8
1.4
1.0
020
IC(A)
(V)
10
30
VGE= 15 V
TJ = 175 °C
TJ = -40 °C
TJ = 25 °C
AM16291V1
(single pulse TC=25°C,
TJ<=175°C; VGE=15V)
IC
10
1
0.1
1
100
VCE(V)
(A)
10
1 ms
100 µs
AM16280V1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
ZthTO2T_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com