Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA80H65FB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWA80H65FB
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65FB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWA80H65FB Datasheet HTML 3Page - STMicroelectronics STGWA80H65FB Datasheet HTML 4Page - STMicroelectronics STGWA80H65FB Datasheet HTML 5Page - STMicroelectronics STGWA80H65FB Datasheet HTML 6Page - STMicroelectronics STGWA80H65FB Datasheet HTML 7Page - STMicroelectronics STGWA80H65FB Datasheet HTML 8Page - STMicroelectronics STGWA80H65FB Datasheet HTML 9Page - STMicroelectronics STGWA80H65FB Datasheet HTML 10Page - STMicroelectronics STGWA80H65FB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID026401 Rev 1
7/18
STGW80H65FB, STGWA80H65FB, STGWT80H65FB
Electrical characteristics
Figure 8. VCE(sat) vs. collector current
Figure 9. Forward bias safe operating area
VCE(sat)
1.4
1.2
1
0.8
0
IC(A)
(V)
60
1.6
20
40
1.8
2
2.2
80
VGE= 15V
TJ= 175°C
TJ= 25°C
TJ= -40°C
2.4
2.6
100 120 140
GIPD160920131029FSR
IC
100
10
1
0.1
1
VCE(V)
(A)
10
100
10μs
100μs
1ms
Single pulse
Tc= 25°C, TJ ≤ 175°C
VGE= 15V
GIPD160920131115FSR
Figure 10. Capacitance variations
Figure 11. Normalized V(BR)CES vs. junction
temperature
C
1000
100
10
0.1
VCE(V)
(pF)
110
Cies
Coes
Cres
100
10000
GIPD160920131200FSR
V(BR)CES
1.1
1
0.9
-50
TJ(°C)
(norm)
0
50
100
150
IC= 2mA
GIPD160920131144FSR
Figure 12. Normalized VGE(th) vs. junction
temperature
Figure 13. Gate charge vs. gate-emitter voltage
VGE
0.8
0.7
0.6
-50
TJ(°C)
(norm)
0
50
100
150
0.9
1
1.1
IC= 1mA
GIPD160920131151FSR
VGE
4
2
0
0Qg(nC)
(V)
100
200
300
400
6
8
10
12
14
16
IC= 80A
VCC= 520V
GIPD160920131156FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com