Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA80H65FB Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGWA80H65FB
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65FB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGWA80H65FB Datasheet HTML 4Page - STMicroelectronics STGWA80H65FB Datasheet HTML 5Page - STMicroelectronics STGWA80H65FB Datasheet HTML 6Page - STMicroelectronics STGWA80H65FB Datasheet HTML 7Page - STMicroelectronics STGWA80H65FB Datasheet HTML 8Page - STMicroelectronics STGWA80H65FB Datasheet HTML 9Page - STMicroelectronics STGWA80H65FB Datasheet HTML 10Page - STMicroelectronics STGWA80H65FB Datasheet HTML 11Page - STMicroelectronics STGWA80H65FB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STGW80H65FB, STGWA80H65FB, STGWT80H65FB
8/18
DocID026401 Rev 1
Figure 14. Switching loss vs temperature
Figure 15. Switching loss vs gate resistance
E
1500
1000
25
TJ(°C)
(μJ)
50
75
100 125
2000
2500
3000
VCC= 400V, VGE = 15V
IC= 80A, Rg= 10Ω
150
EOFF
EON
175
0
3500
4000
4500
GIPD160920131504FSR
E
2600
1800
1000
2RG(Ω)
(μJ)
610
14
18
3400
4200
5000
VCC= 400V, VGE = 15V
IC= 80A, TJ= 175°C
EON
EOFF
GIPD160920131208FSR
Figure 16. Switching loss vs collector current
Figure 17. Switching loss vs collector emitter
voltage
E
2000
1000
0
0
IC(A)
(μJ)
20
40
60
80
3000
4000
5000
VCC= 400V, VGE = 15V
RG= 10Ω, TJ= 175°C
100 120 140
6000
7000
8000
9000
EON
EOFF
GIPD160920131436FSR
E
3000
2000
1000
150
VCE(V)
(μJ)
200 250 300 350
4000
5000
6000
TJ= 175°C, VGE = 15V
IC= 80A, Rg= 10Ω
400
EOFF
EON
450
GIPD160920131524FSR
Figure 18. Switching times vs. collector current Figure 19. Switching times vs. gate resistance
t
100
10
1
IC(A)
(ns)
20
40
60
80
TJ= 175°C, VGE = 15V
VCC= 400V, Rg= 10Ω
100
tf
tdon
120
tr
tdoff
140
GIPD160920131533FSR
t
100
10
Rg(Ω)
(ns)
48
TJ= 175°C, VGE = 15V
VCC= 400V, IC= 80A
12
tr
tdon
tf
tdoff
16
20
GIPD160920131539FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com