Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87570-ICC/VUL Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 23Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 24Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 25Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 26Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 27Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 28Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 29Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 30Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 168 page
background image
Signal/Pin Connection and Description
27
www.national.com
2.4.3
System Load on Strap Pins
The loads connected to the strap pins should prevent the
voltage on them from dropping below VSTRh when the pins
should be high (1), or rising above VSTRl when they should
be low (0). See Table 19-7 on page 135.
If the load caused by the system on the strap pins exceeds
10
µA when V
CC = 5.0V or 5 µA when VCC = 3.3V, use ei-
ther an external pull-up resistor or a smaller pull-down resis-
tor to keep the pin at 1 or 0, respectively.
2.4.4
Strap Inputs During Idle Mode
When the PC87570 is in Idle mode and shared memory with
host BIOS is enabled, the A(16-18) signals are forced to the
value sampled on the strap input that shares the pin. This is
done to reduce leakage currents on external resistors con-
nected to that pin.
Note: A(16-17) are reserved strap inputs that should not
be pulled to 1.
2.4.5
Strap Pin Status Register (STRPST)
The STRPST Register is a byte-wide, read-only register. It
enables the software to read the value set to strap pins dur-
ing power-up reset. STRPST bits provide the value of their
respective strap input. See Table 2-5 for bit details.
2.5
ALTERNATE FUNCTIONS
The PC87570 uses the GPIO port pins to multiplex func-
tions and thereby maximize the device’s flexibility, as
shown in Table 2-5. You select alternate pin functions
through the configuration registers and strap options, as fol-
lows:
q
The SHBM strap pin (see Table 2-4) controls the PA
pins. When SHBM = 1, the pins function as GPIO port
signals. When SHBM=0, they function as described in
Section 5.2.1 on page 49.
q
The ports’ Alternate Function Control Register controls
the PB, PC, PD and PE pins. Each of the ports’ pins
may be used as a GPIO port or in its alternate function.
q
The environment setting and MCFG bits control port
PF and PG pins.
q
The environment setting controls port PH pins. When
in Dev environment, the pins perform their alternate
functions. In IRE or IRD environments, they function
as GPIO ports.
When a pin is used as GPIO and not in its alternate function,
disable the alternate function in the module’s register to pre-
vent wired effects.
Table 2-5 lists the I/O pins and their alternate functions.
When you use a pin as GPIO, you should disable the alter-
nate function in the module register to prevent wired effects.
Table 2-5. Alternate Function Mapping
HDEN Disables host interface;
must be enabled using
the motherboard PnP
protocol after each reset
Enables host interface
to its default settings
(legacy address of KBC,
RTC and PMC)
TRIS Normal operation
Causes PC87570 to
float all its output and
I/O signals for ISE use
Strap
Pin
Internal Pull-Down (0)
External Pull-Up (1)
7
3
2
1
0
Reserved
HDEN
HRMS
SHBM
Pin Name
Port Signal
Alternate
Function
Select
(Alternate Function)
Name
Type
PA0/HMEMCS
PA0
I/O
HMEMCS
SHBM=0
PA1/HMEMRD
PA1
HMEMRD
PA2/HMEMWR
PA2
HMEMWR
PA3/HA16
PA3
HA16
PA4/HA17
PA4
HA17
PA5/A16
PA5
A16
PA6/A17
PA6
A17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com