| Electronic Components Datasheet Search |
|
PC87570-ICC/VUL Datasheet(PDF) 84 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87570-ICC/VUL Datasheet(HTML) 84 Page - National Semiconductor (TI) |
|
84 / 168 page ![]() Multi-Input Wake-Up (MIWU) 84 www.national.com 10.0 Multi-Input Wake-Up (MIWU) The MIWU allows the device to exit Idle state. In addition, it provides signal conditioning and grouping of external inter- rupt sources. 10.1 FEATURES q Supports up to 24 wake-up or interrupt inputs q Generates a wake-up signal to PMC q Generates interrupt signals to the ICU q Provides user-selectable trigger condition on each in- put: — Rising edge — Falling edge q Provides individual enable and pending bits per input. 10.2 FUNCTIONAL DESCRIPTION The MIWU detects a valid software-selectable trigger con- dition on any of its inputs. On detection of a valid trigger condition, the MIWU generates a wake-up request and/or an interrupt request. The wake-up request can be utilized by the PMC to exit Idle mode and return to Active mode. The interrupt requests are used to signal the ICU that an edge- triggered external or internal interrupt condition has oc- curred. Table 10-1 lists the MIWU sources and interrupts used in the PC87570. Figure 10-1 provides a schematic diagram of the MIWU. Table 10-1. Input Assignments 1. Program the input to detect rising edge of the input event. 2. Use falling edge to prevent losing events. This delays the wake-up until the end of the APC output pulse. 3. The ICU is provided with the OR of WKINTA and WKO24 as the interrupt input. 4. The wake-up input is triggered when the host accesses the PC87570. See Sec- tion 5.11.7 on page 54. Configure the WUI26 for falling edge detection. 5. This input does not generate an interrupt. Source Destination Name MIWU Input Interrupt Name MIWU Output PSCLK1 WUI10 MIWU1 WKINTA PSCLK2 WUI11 PSCLK3 WUI12 PSDAT1 WUI13 PSDAT2 WUI14 PSDAT3 WUI15 ACCESS.bus Wake-Up1 WUI16 APC-ON event2 WUI17 EXINT0 WUI20 INT0 WKO20 EXINT10 WUI21 INT10 WKO21 EXINT11 WUI22 INT11 WKO22 EXINT15 WUI23 INT15 WKO23 APC-OFF Event1 WUI24 INT33 WKO24 SWIN WUI25 INT9 WKO25 Host Bus Read or Write4 WUI26 - 5 WKO26 T0OUT1 WUI27 T0OUTINT WKO27 KBSIN0 WUI30 KBSINT WKINTC KBSIN1 WUI31 KBSIN2 WUI32 KBSIN3 WUI33 KBSIN4 WUI34 KBSIN5 WUI35 KBSIN6 WUI36 KBSIN7 WUI37 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |