Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87570-ICC/VUL Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 99Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 100Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 101Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 102Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 103Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 104Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 105Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 106Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 168 page
background image
ACCESS.bus (ACB) Interface
103
www.national.com
Bit 3 - Stall After Start (STASTR)
This bit is set by the successful completion of an ad-
dress sending (i.e., a Start Condition sent without a bus
error, or negative acknowledge), if ACBCTL1.STAS-
TRE is set. This bit is ignored in slave mode. When
STASTR is set, it stalls the ACCESS.bus by pulling
down the SCL line, and suspends any further action on
the bus (e.g., receive of first byte in Master Receive
mode). In addition, if ACBCTL1.INTEN is set, it also
causes the ACB module to send an interrupt to the
CR16A. Writing 1 to STASTR clears it. It is also cleared
when the module is disabled and is always cleared
when STASTRE is cleared. Writing 0 to STASTR has no
effect.
Bit 4 - Negative Acknowledge (NEGACK)
This bit is set by hardware when a transmission is not
acknowledged on the ninth clock. (In this case SDAST
is not set.) Writing 1 to NEGACK clears it. It is also
cleared when the module is disabled. Writing 0 to
NEGACK is ignored.
Bit 5 - Bus Error (BER)
BER is set by the hardware when a Start or Stop Condi-
tion is detected during data transfer (i.e., Start or Stop
Condition during the transfer of bits 2 through 8 and ac-
knowledge cycle), or when an arbitration problem is de-
tected. Writing 1 to BER clears it. It is also cleared when
the module is disabled. Writing 0 to BER is ignored.
Bit 6 - SDA Status (SDAST)
When set, this bit indicates that the SDA data register is
waiting for data (transmit - master or slave) or holds data
that should be read (receive - master or slave). This bit
is cleared when reading from the ACBSDA register dur-
ing a receive, or when written to during a transmit.]
When ACBCTL1.START is set, reading ACBSDA regis-
ter does not clear SDAST. This enables the ACB to
send a repeated start in master receive mode.
Bit 7 - Slave Stop (SLVSTP)
If set, SLVSTP indicates that a Stop Condition was de-
tected after a slave transfer (i.e., after a slave transfer in
which MATCH or GCMATCH was set). Writing 1 to
SLVSTP clears it. It is also cleared when the module is
disabled. Writing 0 to SLVSTP is ignored.
13.4.3
ACB Control Status Register (ACBCST)
The ACBCST Register is a byte-wide, read/write register
that maintains current ACB status and controls several ACB
module functions. The functions of the CBCST are de-
scribed below. Upon reset and when the module is disabled
the non-reserved bits of ACBCST are cleared (0).
Bit 0 - BUSY
When BUSY is set (1), this indicates that the ACB mod-
ule is in one of the following states:
-
Generating a Start Condition
-
In Master mode (ACBST.MASTER is set)
-
In Slave mode (ACBCST.MATCH or ACBCST.GMATCH
is set)
-
In the period between detecting a Start condition
and completing the reception of the address byte.
After this, the ACB either becomes not busy or en-
ters slave mode.
The BUSY bit is cleared by the completion of any of the
above states, and by disabling the module. BUSY is a
read only bit. It should always be written 0.
Bit 1 - Bus Busy (BB)
When set (1), BB indicates the bus is busy. It is set when
the bus is active (i.e., a low level on either SDA or SCL),
or by a Start Condition. It is cleared when the module is
disabled, on detection of a Stop Condition, or when writ-
ing ‘1’ to this bit. See Section 13.5 for a description of
the use of this bit.
Bit 2 - Address Match (MATCH)
In slave mode, MATCH is set (1) when ACBAD-
DR.SAEN is set and the first seven bits of the address
byte (the first byte transferred after a Start Condition)
matches the 7-bit address in the ACBADDR register. It
is cleared by Start Condition, a repeated start and a
Stop Condition (including illegal Start or Stop Condi-
tion).
Bit 3 - Global Call Match (GCMTCH)
In slave mode, GCMTCH is set (1) when ACBCTL1.GC-
MEN is set and the address byte (the first byte trans-
ferred after a Start Condition) is 00h. It is cleared by
Start Condition, a repeated Start and a Stop Condition
(including illegal Start or Stop Condition).
Bit 4 - Test SDA Line (TSDA)
Reads the current value of the SDA line. This bit can be
used while recovering from an error condition in which
the SDA line is constantly pulled low by a slave that
went out of synch. This bit is a read-only bit. Data written
to it is ignored.
Bit 5 - Toggle SCL Line (TGSCL)
This bit enables toggling the SCL line during the process
of error recovery. When the SDA line is low, writing 1 to
this bit toggles the SCL line for one cycle. Writing 1 to
TGSCL while SDA is high, is ignored. The bit is cleared
when the clock toggle is completed.
7
6
5
4
Reserved
TGSCL
TSDA
3210
GCMTCH
MATCH
BB
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com