| Electronic Components Datasheet Search |
|
PC87570-ICC/VUL Datasheet(PDF) 122 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87570-ICC/VUL Datasheet(HTML) 122 Page - National Semiconductor (TI) |
|
122 / 168 page ![]() Analog to Digital Converter (ADC) - January 1998 122 www.national.com 16.3 OPERATION MODES The ADC supports four modes of automated operation, as defined by SCAN and CONT of the ADCCNT2 Register. Ta- ble 16-3 summarizes ADC operation in the various modes. Channel and mode selection (CHANNEL, SCAN and CONT of the ADCCNT2 Register) should be changed only when no conversion is in progress (i.e., START of the ADCCNT2 Register and BUSY of the ADCST Register are both 0). In the scan modes, CHANNEL points to the first channel to be converted. The other three channels use a modulo-8 counting scheme (channel 7 is followed by channel 0). Table 16-3. ADC Operation Modes Mode ADCCNT2 Register Bits Description SCAN CONT One Channel, Single Conversion 00 One conversion is performed for the channel specified by CHANNEL of the ADCCNT2 Register. When the conversion is completed: q The result is placed in the ADDATA0 Register. q START of the ADCCNT2 Register is cleared. q EOC of the ADCST Register is set. q The interrupt request signal is asserted (1) if INTE of the ADCCNT1 Register is set. One Channel, Continuous Conversion 0 1 Continuous conversions are performed for the channel specified by CHANNEL of the ADCCNT2 Register. The next conversion starts only after a pause defined by DELAY of the ADCCNT3 Register. The hardware does not clear START of the ADCCNT2 Register. When a conversion is completed: q The consecutive results are placed in the four data registers cyclically, starting from ADDATA0. q The last conversion result is pointed to by BUFPTR of the ADCST Register. q When all the four data registers are loaded, EOC of the ADCST Register is set. q If interrupts are enabled (INTE of the ADCCNT1 Register is set), an interrupt is issued to the ICU. Repetitive conversions are started until START of the ADCCNT2 Register is cleared by the software. When this occurs: q Any currently executing conversion is completed. q EOC of the ADCST Register is set. q No new conversion is started. q The last conversion result is pointed to by BUFPTR of the ADCST Register. Four Channel Scan, Single Conversion 10 A conversion is performed for four channels, starting with the channel defined in CHANNEL of the ADCCNT2 Register. After completion of each conversion, the selector of the input multiplexer is incremented. Conversion for the next channel is started after the sampling time delay, defined by DELAY of the ADCCNT3 Register. The conversion stops after all four channels are converted. The following procedure is implemented: q The results are placed in the ADDATA0-3 Registers for channels 1-4, respectively. q When all four channels have been converted, START of the ADCCNT2 Register is cleared by hardware, and EOC of the ADCST Register is set. q If INTE of the ADCCNT1 Register is set, an interrupt is issued. Four Channel Scan, Continuous Conversion 1 1 Conversion of the selected four channels is continuously repeated. Each conversion cycle is performed as in “Four Channel Scan, Single Conversion” mode, but the hardware does not clear START of the ADCCNT2 Register. When a conversion cycle is completed and if START is still set, a new four channel conversion cycle is started. When the conversion of all four channels is completed: q START is not cleared. q EOC is set. q The interrupt signal is asserted if INTE=1. Repetitive conversion cycles are started until the START bit is cleared by software. When this occurs: q The currently executing conversion cycle of a 4-channel burst is completed. q EOC of the ADCST Register is set. q No new conversion is started. q The last conversion result is pointed to by BUFPTR of the ADCST Register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |