Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6421INZDU4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6421INZDU4
Description  Fixed-Point Digital Signal Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6421INZDU4 Datasheet(HTML) 2 Page - Texas Instruments

  TNETV6421INZDU4 Datasheet HTML 1Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 2Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 3Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 4Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 5Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 6Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 7Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 8Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 222 page
background image
1.2 Description
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
www.ti.com
• Packages:
–
361-Pin Pb-Free PBGA Package
(ZWT Suffix), 0.8-mm Ball Pitch
• VLYNQ™ Interface (FPGA Interface)
–
376-Pin Plastic BGA Package
• Three Pulse Width Modulator (PWM) Outputs
(ZDU Suffix), 1.0-mm Ball Pitch
• On-Chip ROM Bootloader
• 0.09-µm/6-Level Cu Metal Process (CMOS)
• Individual Power-Savings Modes
• 3.3-V and 1.8-V I/O, 1.2-V Internal
• Flexible PLL Clock Generators
(-7/-6/-5/-4/-Q6/-Q5/-Q4)
• IEEE-1149.1 (JTAG™)
• 3.3-V and 1.8-V I/O, 1.05-V Internal
Boundary-Scan-Compatible
(-7/-6/-5/-4/-L/-Q5)
• Up to 111 General-Purpose I/O (GPIO) Pins
• Applications:
(Multiplexed With Other Device Functions)
–
Telecom
–
Audio
–
Industrial Applications
The TMS320C64x+™ DSPs (including the TMS320C6421 device) are the highest-performance fixed-point
DSP generation in the TMS320C6000™ DSP platform. The C6421 device is based on the third-generation
high-performance, advanced VelociTI™ very-long-instruction-word (VLIW) architecture developed by
Texas Instruments (TI), making these DSPs an excellent choice for digital signal processor applications.
The C64x+™ devices are upward code-compatible from previous devices that are part of the C6000™
DSP platform. The C64x™ DSPs support added functionality and have an expanded instruction set from
previous devices.
Any reference to the C64x DSP or C64x CPU also applies, unless otherwise noted, to the C64x+ DSP and
C64x+ CPU, respectively.
With performance of up to 5600 million instructions per second (MIPS) at a clock rate of 700 MHz, the
C64x+ core offers solutions to high-performance DSP programming challenges. The DSP core possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. The
C64x+ DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs). The
eight functional units include instructions to accelerate the performance in telecom, audio, and industrial
applications. The DSP core can produce four 16-bit multiply-accumulates (MACs) per cycle for a total of
2800 million MACs per second (MMACS), or eight 8-bit MACs per cycle for a total of 5600 MMACS. For
more details on the C64x+ DSP, see the TMS320C64x/C64x+ DSP CPU and Instruction Set Reference
Guide (literature number SPRU732).
The C6421 also has application-specific hardware logic, on-chip memory, and additional on-chip
peripherals similar to the other C6000 DSP platform devices. The C6421 core uses a two-level
cache-based architecture. The Level 1 program memory/cache (L1P) consists of a 128K-bit memory
space that can be configured as mapped memory or direct mapped cache, and the Level 1 data (L1D)
consists of a 384K-bit memory space that can be configured as mapped memory or 2-way set-associative
cache. The Level 2 memory/cache (L2) consists of a 512K-bit memory space that is shared between
program and data space. L2 memory can be configured as mapped memory, cache, or combinations of
the two.
2
TMS320C6421 Fixed-Point Digital Signal Processor
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com