Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6421INZDU4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6421INZDU4
Description  Fixed-Point Digital Signal Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6421INZDU4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETV6421INZDU4 Datasheet HTML 3Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 4Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 5Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 6Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 7Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 8Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 9Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 10Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 222 page
background image
2
Device Overview
2.1 Device Characteristics
TMS320C6421
Fixed-Point Digital Signal Processor
www.ti.com
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
Table 2-1, provides an overview of the TMS320C6421 DSP. The tables show significant features of the
C6421 device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the
package type with pin count.
Table 2-1. Characteristics of the C6421 Processor
HARDWARE FEATURES
C6421
DDR2 Memory Controller
(16-bit bus width) [1.8 V I/O]
Asynchronous (8-bit bus width),
Asynchronous EMIF [EMIFA]
RAM, Flash, (8-bit NOR or 8-bit NAND)
EDMA3
1 (64 independent channels, 8 QDMA channels)
2 64-bit General Purpose
Timers
(configurable as 2 64-bit or 4 32-bit)
1 64-bit Watch Dog
Peripherals
UART
1 with RTS and CTS flow control
Not all peripherals pins
I2C
1 (Master/Slave)
are available at the same
time (For more detail, see
McBSP
1
the Device Configuration
McASP
1 (4 serailizers)
section).
10/100 Ethernet MAC (EMAC) with
1
Management Data Input/Output (MDIO)
VLYNQ
1
General-Purpose Input/Output Port (GPIO)
Up to 111 pins
PWM
3 outputs
HPI (16-bit)
1
Size (Bytes)
96KB RAM, 64KB ROM
16K-Byte (16KB) L1 Program (L1P) RAM/Cache
On-Chip Memory
48KB L1 Data (L1D) RAM/Cache
Organization
64KB Unified Mapped RAM/Cache (L2)
64KB Boot ROM
Revision ID Register (MM_REVID.[15:0])
See theTMS320C6424/21 Digital Signal Processor
Megamodule Rev ID
(address location: 0x0181 2000)
(DSP) [Silicon Revisions 1.1 and 1.0] Silicon Errata
(literature number SPRZ252).
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
JTAGID register
See Section 6.21.1, JTAG Peripheral Register
JTAG BSDL_ID
(address location: 0x01C4 0028)
Description(s) – JTAG ID Register
700 (-7, CVDD = 1.2V)
600 (-6/-Q6, CVDD = 1.2V)
CPU Frequency(1)
MHz
500 (-5/-Q5, CVDD = 1.2V)
400 (-4/-Q4, CVDD = 1.2V)
400 (-L, CVDD = 1.05V)
1.43 (-7, CVDD = 1.2V)
1.67 (-6/-Q6, CVDD = 1.2V)
Cycle Time(1)
ns
2 (-5/-Q5, CVDD = 1.2V)
2.5 (-4/-Q4, CVDD = 1.2V)
2.5 (-L, CVDD = 1.05V)
1.2 V
(-7/ -6/-5/ -4/-Q6/-Q5/-Q4)
Core (V)
Voltage(1)
1.05 V
(-7/-6/-5/-4/-L/-Q5)
I/O (V)
1.8 V, 3.3 V
MXI/CLKIN frequency multiplier
PLL Options
x1 (Bypass), x14 to x 32
(15–30 MHz reference)
(1)
Applies to "tape and reel" part number counterparts as well. For more information, see Section 2.7, Device and Development-Support
Tool Nomenclature.
Submit Documentation Feedback
Device Overview
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com