Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2664FIDZWT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 26Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 27Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 28Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 29Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 30Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 31Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 32Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 33Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
2.5
Terminal Functions
The terminal functions tables (Table 2-7 through Table 2-29) identify the external signal names, the
associated pin (ball) numbers along with the mechanical package designator, the pin type, whether the pin
has any internal pullup or pulldown resistors, and a functional pin description. For more detailed
information on device configuration, peripheral selection, multiplexed/shared pin, and debugging
considerations, see the Device Configurations section of this data manual.
All device boot and configuration pins (except PCIEN) are multiplexed configuration pins— meaning they
are multiplexed with functional pins. These pins function as device boot and configuration pins only during
device reset. The input states of these pins are sampled and latched into the BOOTCFG register when
device reset is deasserted (see Note below). After device reset is deasserted, the values on these
multiplexed pins no longer have to hold the configuration.
The PCIEN pin is a standalone configuration pin. Its value is latched into the BOOTCFG register when
device reset is deasserted (see Note below). Unlike the multiplexed device boot and configuration pins,
the value on the PCIEN pin even after device reset is deasserted must hold the configuration.
For proper device operation, external pullup/pulldown resistors may be required on these device boot and
configuration pins. Section 3.9.1, Pullup/Pulldown Resistors discusses situations where external
pullup/pulldown resistors are required.
Note: Internal to the chip, the two device reset pins RESET and POR are logically AND’d together for the
purpose of latching device boot and configuration pins. The values on all device boot and configuration
pins are latched into the BOOTCFG register when the logical AND of RESET and POR transitions from
low-to-high.
Table 2-7. BOOT Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
DESCRIPTION
ZWT
ZDU
(3)
NAME
NO.
NO.
BOOT
GP[25]/
(BOOTMODE3)
G16
H21
Bootmode configuration bits. These bootmode functions along with
GP[24]/
the FASTBOOT function determine what device bootmode
(BOOTMODE2)
G15
L20
IPD
configuration is selected.
I/O/Z
DVDD33
The C6424 device supports several types of bootmodes along with a
GP[23]/
F15
K20
FASTBOOT option; for more details on the types/options, see
(BOOTMODE1)
F18
J20
Section 3.4.1, Boot Modes.
GP[22]/
(BOOTMODE0)
Fast Boot
GP[26]/
IPD
G17
K19
I/O/Z
0 = Not Fast Boot
(FASTBOOT)
DVDD33
1 = Fast Boot
EM_A[4]/GP[10]/(PL
IPD
A17
B21
I/O/Z
Fast Boot PLL Multiplier Select (PLLMS)
LMS2)
DVDD33
EM_A[1]/(ALE)/
IPD
These pins select the PLL multiplier for Fast Boot.
A16
B20
I/O/Z
GP[9]/(PLLMS1)
DVDD33
For more details, see Section 3.5.1.3, Fast Boot PLL Multiplier
EM_A[2]/(CLE)/
IPD
Select (PLLMS).
B16
A20
I/O/Z
GP[8]/(PLLMS0)
DVDD33
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
30
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com