| Electronic Components Datasheet Search |
|
TNETV2664FIDZWT Datasheet(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2664FIDZWT Datasheet(HTML) 53 Page - Texas Instruments |
|
53 / 249 page ![]() TMS320C6424 www.ti.com SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 Table 2-21. Multichannel Audio Serial Port (McASP0) Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION ZWT ZDU NAME NO. NO. McASP0 AMUTEIN0/FSX1/ IPD This pin is multiplexed between McASP0, McBSP1, and GPIO. F2 G3 I/O/Z GP[109] DVDD33 For McASP0, it is McASP0 mute input AMUTEIN0 (I). AMUTE0/DR1/ IPD This pin is multiplexed between McASP0, McBSP1, and GPIO. G3 H3 I/O/Z GP[110] DVDD33 For McASP0, it is McASP0 mute output AMUTE0 (O/Z). ACLKR0/CLKX0/ IPD This pin is multiplexed between McASP0, McBSP0, and GPIO. H1 J1 I/O/Z GP[99] DVDD33 For McASP0, it is McASP0 receive bit clock ACLKR0 (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AHCLKR0/CLKR0/ IPD J2 K1 I/O/Z For McASP0, it is McASP0 receive high-frequency master clock GP[101] DVDD33 AHCLKR0 (I/O/Z). ACLKX0/CLKX1/ IPD This pin is multiplexed between McASP0, McBSP1, and GPIO. F1 G1 I/O/Z GP[106] DVDD33 For McASP0, it is McASP0 transmit bit clock ACLKX0 (I/O/Z). This pin is multiplexed between McASP0, McBSP1, and GPIO. AHCLKX0/CLKR1/ IPD G1 H1 I/O/Z For McASP0, it is McASP0 transmit high-frequency master clock GP[108] DVDD33 AHCLKX0 (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AFSR0/DR0/ IPD H4 K3 I/O/Z For McASP0, it is McASP0 receive frame synchronization AFSR0 GP[100] DVDD33 (I/O/Z). This pin is multiplexed between McASP0, McBSP1, and GPIO. AFSX0/DX1/ IPD G2 G2 I/O/Z For McASP0, it is McASP0 transmit frame synchronization AFSX0 GP[107] DVDD33 (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AXR0[3]/FSR0/ IPD G4 J3 I/O/Z For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 3 GP[102] DVDD33 AXR0[3] (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AXR0[2]/FSX0/ IPD H3 J2 I/O/Z For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 2 GP[103] DVDD33 AXR0[2] (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AXR0[1]/DX0/ IPD J3 K2 I/O/Z For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 1 GP[104] DVDD33 AXR0[1] (I/O/Z). This pin is multiplexed between McASP0, McBSP1, and GPIO. AXR0[0]/FSR1/ IPD H2 H2 I/O/Z For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 0 GP[105] DVDD33 AXR0[0] (I/O/Z). (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2007–2009, Texas Instruments Incorporated Device Overview 53 Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |