Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2664FIDZWT Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 132 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 128Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 129Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 130Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 131Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 132Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 133Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 134Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 135Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.3.4
C6424 Power and Clock Domains
The C6424 includes one single power domain — the "Always On" power domain. The "Always On" power
domain is always on when the chip is on. The "Always On" domain is powered by the CVDD pins of the
C6424. All C6424 modules lie within the "Always On" power domain. Table 6-1 provides a listing of the
C6424 clock domains.
One primary reference clock is required for the C6424 device. It can be either a crystal input or driven by
external oscillators. A 15–30-MHz crystal is recommended for the PLLs, which generate the internal clocks
for the digital signal processor (DSP), peripherals, and the EDMA3. For further description of the C6424
clock domains, see Table 6-2 and Figure 6-4.
The C6424 architecture is divided into the power and clock domains shown in Table 6-1. Table 6-2 and
Table 6-3further discuss the clock domains and their ratios. Figure 6-4 shows the clock domain block
diagram.
132
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com