Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL15N65M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL15N65M5
Description  Low gate charge and input capacitance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL15N65M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STL15N65M5 Datasheet HTML 1Page - STMicroelectronics STL15N65M5 Datasheet HTML 2Page - STMicroelectronics STL15N65M5 Datasheet HTML 3Page - STMicroelectronics STL15N65M5 Datasheet HTML 4Page - STMicroelectronics STL15N65M5 Datasheet HTML 5Page - STMicroelectronics STL15N65M5 Datasheet HTML 6Page - STMicroelectronics STL15N65M5 Datasheet HTML 7Page - STMicroelectronics STL15N65M5 Datasheet HTML 8Page - STMicroelectronics STL15N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STL15N65M5
4/16
DocID023633 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0 V
650
V
IDSS
Zero gate voltage
drain current
VDS = 650 V
1
µA
VDS = 650 V, TC=125 °C (1),
VGS = 0 V
100
µA
IGSS
Gate-body leakage
current
VGS = ± 25 V, VDS = 0
± 100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source
on- resistance
VGS = 10 V, ID = 5 A
0.335
0.375
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
816
-
pF
Coss
Output capacitance
-
23
-
pF
Crss
Reverse transfer
capacitance
-
2.6
-
pF
Co(tr)(1)
Equivalent capacitance
time related
VDS = 0 to 520 V, VGS = 0 V
-
70
-
pF
Co(er)(2)
Equivalent capacitance
energy related
-
21
-
pF
RG
Intrinsic gate resistance
f = 1 MHz open drain
-
5
-
Ω
Qg
Total gate charge
VDD = 520 V, ID = 5.5 A,
VGS = 10 V
(see Figure 16: "Test circuit for
gate charge behavior")
-
22
-
nC
Qgs
Gate-source charge
-
5.5
-
nC
Qgd
Gate-drain charge
-
11
-
nC
Notes:
(1)Coss eq. time related is defined as a constant equivalent capacitance giving the same charging time as Coss when
VDS increases from 0 to 80 % VDSS.
(2)Coss eq. energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss
when VDS increases from 0 to 80 % VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com