Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL15N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL15N65M5
Description  Low gate charge and input capacitance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL15N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STL15N65M5 Datasheet HTML 1Page - STMicroelectronics STL15N65M5 Datasheet HTML 2Page - STMicroelectronics STL15N65M5 Datasheet HTML 3Page - STMicroelectronics STL15N65M5 Datasheet HTML 4Page - STMicroelectronics STL15N65M5 Datasheet HTML 5Page - STMicroelectronics STL15N65M5 Datasheet HTML 6Page - STMicroelectronics STL15N65M5 Datasheet HTML 7Page - STMicroelectronics STL15N65M5 Datasheet HTML 8Page - STMicroelectronics STL15N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STL15N65M5
Electrical characteristics
DocID023633 Rev 2
5/16
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(V)
Voltage delay time
VDD = 400 V, ID = 7 A,
RG
= 4.7 Ω, VGS = 10 V
(see Figure 17: "Test circuit for
inductive load switching and
diode recovery times" and
Figure 20: "Switching time
waveform")
-
30
-
ns
tr(V)
Voltage rise time
-
8
-
ns
tf(I)
Current fall time
-
11
-
ns
tc(off)
Crossing time
-
12.5
-
ns
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
10
A
ISDM(1)
Source-drain current
(pulsed)
-
40
A
VSD(2)
Forward on voltage
ISD = 10 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 10 A, di/dt = 100 A/µs
VDD = 100 V
(see Figure 17: "Test circuit for
inductive load switching and
diode recovery times")
-
244
ns
Qrr
Reverse recovery charge
-
2.35
µC
IRRM
Reverse recovery current
-
19.2
A
trr
Reverse recovery time
ISD = 10 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 17: "Test circuit for
inductive load switching and
diode recovery times")
-
308
ns
Qrr
Reverse recovery charge
-
2.93
µC
IRRM
Reverse recovery current
-
19
A
Notes:
(1)Pulse width limited by safe operating area.
(2)Pulsed: pulse duration = 300 µs, duty cycle 1.5 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com