Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL18N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL18N65M5
Description  Very low intrinsic capacitance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL18N65M5 Datasheet HTML 3Page - STMicroelectronics STL18N65M5 Datasheet HTML 4Page - STMicroelectronics STL18N65M5 Datasheet HTML 5Page - STMicroelectronics STL18N65M5 Datasheet HTML 6Page - STMicroelectronics STL18N65M5 Datasheet HTML 7Page - STMicroelectronics STL18N65M5 Datasheet HTML 8Page - STMicroelectronics STL18N65M5 Datasheet HTML 9Page - STMicroelectronics STL18N65M5 Datasheet HTML 10Page - STMicroelectronics STL18N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID023634 Rev 2
7/17
STL18N65M5
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage
vs. temperature
Figure 11. Normalized on-resistance vs.
temperature
Figure 12. Drain-source diode forward
characteristics
Figure 13. Normalized BVDSS vs. temperature
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
10000
AM15769v1
Eoss
3
2
1
0
0
VDS(V)
(μJ)
400
200
600
4
5
6
AM15770v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID = 250 µA
VDS = VGS
AM05459v1
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.9
2.1
VGS= 10V
ID= 7.5 A
AM05460v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ=-50°C
TJ=150°C
TJ=25°C
AM05461v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.02
ID = 1mA
1.08
AM10399v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com