Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL18N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL18N65M5
Description  Very low intrinsic capacitance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL18N65M5 Datasheet HTML 1Page - STMicroelectronics STL18N65M5 Datasheet HTML 2Page - STMicroelectronics STL18N65M5 Datasheet HTML 3Page - STMicroelectronics STL18N65M5 Datasheet HTML 4Page - STMicroelectronics STL18N65M5 Datasheet HTML 5Page - STMicroelectronics STL18N65M5 Datasheet HTML 6Page - STMicroelectronics STL18N65M5 Datasheet HTML 7Page - STMicroelectronics STL18N65M5 Datasheet HTML 8Page - STMicroelectronics STL18N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
June 2013
DocID023634 Rev 2
1/17
17
STL18N65M5
N-channel 650 V, 0.215
Ω typ., 15 A MDmesh™ V Power MOSFET
in a PowerFLAT™ 5x6 HV package
Datasheet
− preliminary data
Figure 1. Internal schematic diagram
Features
• Outstanding RDS(on)*area
• Extremely large avalanche performance
• Gate charge minimized
• Very low intrinsic capacitance
• 100% avalanche tested
Applications
• Switching applications
Description
This device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
AM15540v2
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
PowerFLAT™ 5x6 HV
1
2
3
4
Order code
VDS
RDS(on)max.
ID
STL18N65M5
710 V
0.240
Ω
15 A(1)
1.
The value is rated according to Rthj-case and limited
by package.
Table 1. Device summary
Order code
Marking
Package
Packaging
STL18N65M5
18N65M5
PowerFLAT™ 5x6 HV
Tape and reel
www.st.com


Similar Part No. - STL18N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
Zener-protected
02-Oct-2014
More results

Similar Description - STL18N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
Very low capacitance ESD protection
04-Feb-2008
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
logo
STMicroelectronics
STD10NF30 STMICROELECTRONICS-STD10NF30 Datasheet
874Kb / 16P
Very low intrinsic capacitances
27-Mar-2014
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
Very low intrinsic capacitance
21-Dec-2011
STDLED524 STMICROELECTRONICS-STDLED524 Datasheet
1Mb / 22P
Very low intrinsic capacitance
27-Aug-2013
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
Very low intrinsic capacitance
03-Sep-2013
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
765Kb / 16P
Very low intrinsic capacitance
13-Apr-2015
STF17N62K3 STMICROELECTRONICS-STF17N62K3 Datasheet
976Kb / 17P
Very low intrinsic capacitance
27-Jul-2011
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
Very low intrinsic capacitance
17-Jul-2013
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
Very low intrinsic capacitance
24-Jun-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com