Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL18N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL18N65M5
Description  Very low intrinsic capacitance
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STL18N65M5 Datasheet HTML 1Page - STMicroelectronics STL18N65M5 Datasheet HTML 2Page - STMicroelectronics STL18N65M5 Datasheet HTML 3Page - STMicroelectronics STL18N65M5 Datasheet HTML 4Page - STMicroelectronics STL18N65M5 Datasheet HTML 5Page - STMicroelectronics STL18N65M5 Datasheet HTML 6Page - STMicroelectronics STL18N65M5 Datasheet HTML 7Page - STMicroelectronics STL18N65M5 Datasheet HTML 8Page - STMicroelectronics STL18N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID023634 Rev 2
5/17
STL18N65M5
Electrical characteristics
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 9.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 17 and 20)
-36
-
ns
tr
Rise time
-
7
-
ns
td(off)
Turn-off delay time
-
9
-
ns
tf
Fall time
-
11
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
(1)
Source-drain current
-
15
A
ISDM
(1)
,
(2)
1.
The value is rated according to Rthj-case and limited by package.
2.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
60
A
VSD
(3)
3.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 15 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 15 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 17)
-290
ns
Qrr
Reverse recovery charge
-
3.4
µC
IRRM
Reverse recovery current
-
23.5
A
trr
Reverse recovery time
ISD = 15 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 17)
-352
ns
Qrr
Reverse recovery charge
-
4
µC
IRRM
Reverse recovery current
-
24
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com