Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL110N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL110N10F7
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL110N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL110N10F7 Datasheet HTML 2Page - STMicroelectronics STL110N10F7 Datasheet HTML 3Page - STMicroelectronics STL110N10F7 Datasheet HTML 4Page - STMicroelectronics STL110N10F7 Datasheet HTML 5Page - STMicroelectronics STL110N10F7 Datasheet HTML 6Page - STMicroelectronics STL110N10F7 Datasheet HTML 7Page - STMicroelectronics STL110N10F7 Datasheet HTML 8Page - STMicroelectronics STL110N10F7 Datasheet HTML 9Page - STMicroelectronics STL110N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STL110N10F7
6/15
DocID024004 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
1
VDS(V)
10
(A)
100ms
1s
0.1
Tj=175°C
Tpcb=25°C
Single pulse
10ms
AM16083v1
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
tp(s)
10
-4
10
-2
10
-1
10
-3
10
-3
10
-2
10
-1
10
Zth = K Rthj-pcb
0
10
1
AM16096v1
ID
80
40
20
0
2
VDS(V)
4
(A)
6
4V
7V
VGS= 8, 9, 10V
60
5V
6V
8
100
120
140
160
0
AM16084v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
10
30
50
70
VDS=2V
AM16085v1
VGS
6
4
2
0
0
40
Qg(nC)
(V)
8
60
80
10
VDD=50V
ID=21A
12
20
AM16086v1
RDS(on)
4.98
4.96
4.94
2
6
ID(A)
(m
Ω)
4
8
5.00
VGS=10V
10 12
5.02
5.04
5.06
14 16 18 20
AM16087v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com