Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL110N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL110N10F7
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL110N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL110N10F7 Datasheet HTML 1Page - STMicroelectronics STL110N10F7 Datasheet HTML 2Page - STMicroelectronics STL110N10F7 Datasheet HTML 3Page - STMicroelectronics STL110N10F7 Datasheet HTML 4Page - STMicroelectronics STL110N10F7 Datasheet HTML 5Page - STMicroelectronics STL110N10F7 Datasheet HTML 6Page - STMicroelectronics STL110N10F7 Datasheet HTML 7Page - STMicroelectronics STL110N10F7 Datasheet HTML 8Page - STMicroelectronics STL110N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
August 2014
DocID024004 Rev 4
1/15
STL110N10F7
N-channel 100 V, 0.005
Ω typ., 107 A, STripFET™ H7
Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Among the lowest RDS(on) on the market
• Excellent figure of merit (FoM)
• Low Crss/Ciss ratio for EMI immunity
• High avalanche ruggedness
Applications
• Switching applications
Description
This N-channel Power MOSFET utilizes the
STripFET™ H7 technology with a trench gate
structure combined with extremely low on-
resistance. The device also offers ultra-low
capacitances for higher switching frequency
operations.
1
2
3
4
PowerFLAT™5x6
AM15540v2
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Order code
VDS
RDS(on) max
ID
PTOT
STL110N10F7
100 V
0.006
Ω
(VGS= 10 V)
107 A 136 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STL110N10F7
110N10F7
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL110N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL110N4F7AG STMICROELECTRONICS-STL110N4F7AG Datasheet
937Kb / 14P
Automotive-grade N-channel 40 V, 3.3 mΩ typ., 108 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
03-Oct-2017
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
High avalanche ruggedness
10-Apr-2015
More results

Similar Description - STL110N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
High avalanche ruggedness
February 2015 Rev 3
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
High avalanche ruggedness
27-Aug-2015
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com