Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL110N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL110N10F7
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL110N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL110N10F7 Datasheet HTML 3Page - STMicroelectronics STL110N10F7 Datasheet HTML 4Page - STMicroelectronics STL110N10F7 Datasheet HTML 5Page - STMicroelectronics STL110N10F7 Datasheet HTML 6Page - STMicroelectronics STL110N10F7 Datasheet HTML 7Page - STMicroelectronics STL110N10F7 Datasheet HTML 8Page - STMicroelectronics STL110N10F7 Datasheet HTML 9Page - STMicroelectronics STL110N10F7 Datasheet HTML 10Page - STMicroelectronics STL110N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID024004 Rev 4
7/15
STL110N10F7
Electrical characteristics
15
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Source-drain diode forward
characteristics
Figure 12. Normalized V(BR)DSS vs temperature
C
3000
2000
1000
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40 50 60 70 80
4000
5000
6000
AM16088v1
VGS(th)
0.7
0.6
0.5
0.4
-75
-25
TJ(°C)
(norm)
-50
0.8
50
0
25
75
ID=250µA
100 125 150
0.9
1
1.1
1.2
AM16089v1
RDS(on)
1.8
1.2
0.8
0.4
TJ(°C)
(norm)
0.6
1
1.4
1.6
2
-75
-25
-50
50
0 25
75 100 125 150
ID=10 A
VGS=10 V
AM16090v1
VSD
2
6
ISD(A)
(V)
4
12
8
10
0.4
0.5
0.6
0.7
TJ=-55°C
TJ=175°C
TJ=25°C
0.8
0.9
14 16 18 20
AM16092v1
V(BR)DSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.94
0.96
0.98
1
1.02
1.04
ID=1mA
AM16091v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com