Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP165N10F4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP165N10F4
Description  Very low on-resistance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP165N10F4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP165N10F4 Datasheet HTML 2Page - STMicroelectronics STP165N10F4 Datasheet HTML 3Page - STMicroelectronics STP165N10F4 Datasheet HTML 4Page - STMicroelectronics STP165N10F4 Datasheet HTML 5Page - STMicroelectronics STP165N10F4 Datasheet HTML 6Page - STMicroelectronics STP165N10F4 Datasheet HTML 7Page - STMicroelectronics STP165N10F4 Datasheet HTML 8Page - STMicroelectronics STP165N10F4 Datasheet HTML 9Page - STMicroelectronics STP165N10F4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STP165N10F4
6/12
Doc ID 15781 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM08651v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280tok
ID
150
100
50
0
0
VDS(V)
3
(A)
1
2
4
200
250
5V
6V
7V
VGS=10V
300
350
4V
AM08652v1
ID
0
0
4
VGS(V)
8
(A)
2
6
VDS=2V
150
100
50
200
250
300
AM08653v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.95
1.00
1.05
1.10
ID=1mA
175
AM08654v1
RDS(on)
4.8
4.7
4.6
4.5
0
40
ID(A)
(m
Ω)
20
60
4.9
5.0
5.1
5.2
VGS=10V
100
80
120
5.3
AM08655v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com