Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP165N10F4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP165N10F4
Description  Very low on-resistance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP165N10F4 Datasheet(HTML) 5 Page - STMicroelectronics

  STP165N10F4 Datasheet HTML 1Page - STMicroelectronics STP165N10F4 Datasheet HTML 2Page - STMicroelectronics STP165N10F4 Datasheet HTML 3Page - STMicroelectronics STP165N10F4 Datasheet HTML 4Page - STMicroelectronics STP165N10F4 Datasheet HTML 5Page - STMicroelectronics STP165N10F4 Datasheet HTML 6Page - STMicroelectronics STP165N10F4 Datasheet HTML 7Page - STMicroelectronics STP165N10F4 Datasheet HTML 8Page - STMicroelectronics STP165N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STP165N10F4
Electrical characteristics
Doc ID 15781 Rev 2
5/12
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 50 V, ID = 60 A
RG =4.7 Ω VGS = 10 V
(see Figure 13)
-
29.6
62
-
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
VDD = 50 V, ID = 60 A,
RG =4.7 Ω, VGS = 10 V
(see Figure 13)
-
154
106
-
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
120
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
(pulsed)
-480
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 120 A, VGS = 0
-
1.4
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 120 A,
VDD = 80 V
di/dt = 100 A/µs,
Tj = 150 °C (see Figure 15)
-
86.8
313
7.2
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com