Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP165N10F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP165N10F4
Description  Very low on-resistance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP165N10F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STP165N10F4 Datasheet HTML 1Page - STMicroelectronics STP165N10F4 Datasheet HTML 2Page - STMicroelectronics STP165N10F4 Datasheet HTML 3Page - STMicroelectronics STP165N10F4 Datasheet HTML 4Page - STMicroelectronics STP165N10F4 Datasheet HTML 5Page - STMicroelectronics STP165N10F4 Datasheet HTML 6Page - STMicroelectronics STP165N10F4 Datasheet HTML 7Page - STMicroelectronics STP165N10F4 Datasheet HTML 8Page - STMicroelectronics STP165N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2010
Doc ID 15781 Rev 2
1/12
12
STP165N10F4
N-channel 100 V, 4.4 m
Ω, 120 A TO-220
STripFET™ DeepGATE™ Power MOSFET
Features
■ N-channel enhancement mode
■ 100% avalanche rated
■ Low gate charge
■ Very low on-resistance
Application
Switching applications
Description
The STP165N10F4 is an N-channel
enhancement mode Power MOSFET built with
STripFET™ DeepGATE™ technology with a new
gate structure. The product is tailored to minimize
on-resistance.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max
ID
STP165N10F4
100 V
< 5.5 m
Ω
120 A
1
2
3
TO-220
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP165N10F4
165N10F4
TO-220
Tube
www.st.com


Similar Part No. - STP165N10F4

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP165N10F4 ISC-STP165N10F4 Datasheet
303Kb / 2P
isc N-Channel MOSFET Transistor
2023-9-20
More results

Similar Description - STP165N10F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
Very low on-resistance
20-Oct-2015
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
Very low on-resistance
March 2014 Rev 2
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
Very low on-resistance
26-Nov-2014
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
Very low on-resistance
05-Dec-2014
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
Very low on-resistance
26-Jun-2015
STR1P2UH7 STMICROELECTRONICS-STR1P2UH7 Datasheet
613Kb / 12P
Very low on-resistance
05-Jun-2015
STR2P3LLH6 STMICROELECTRONICS-STR2P3LLH6 Datasheet
547Kb / 12P
Very low on-resistance
03-Nov-2014
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
Very low on-resistance
15-Mar-2016
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
Very low on-resistance
September 2016 Rev 3
STT7P2UH7 STMICROELECTRONICS-STT7P2UH7 Datasheet
488Kb / 13P
Very low on-resistance
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com