Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7092 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 9Page - STMicroelectronics TEA7092 Datasheet HTML 10Page - STMicroelectronics TEA7092 Datasheet HTML 11Page - STMicroelectronics TEA7092 Datasheet HTML 12Page - STMicroelectronics TEA7092 Datasheet HTML 13Page - STMicroelectronics TEA7092 Datasheet HTML 14Page - STMicroelectronics TEA7092 Datasheet HTML 15Page - STMicroelectronics TEA7092 Datasheet HTML 16Page - STMicroelectronics TEA7092 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
INTERNAL
LOGIC
RI
HOLD
V
RMC
10 RI/VI
I
OUT = ± 1mA max
Figure 10 : RI/VI (Pin 10) : Ring Indicator/Line
Current Variation
CLK (Pin 13)
or
DATA (Pin 14)
V
RMC
f
Max. = 1MHz
t
Min. between
2 bytes : 2
µs
V
RMC
120k
Ω
Figure 11 : CLK (Pin 13) : Clock Data Input
DATA (Pin 14) : Data Input
300k
Ω
V
RMC
30pF
9
OSC
30
µA
30pF
Figure 12 : OSC (Pin 9) : Oscillator Input
INTERNAL
LOGIC
Information for
PON/RESET
V
RMC
12 PON
V
RMC
11 RESET
I
OUT =
±1mA max
Figure 13 : RESET (Pin 11) :
µcontroller Reset
PON (Pin 12) : Power On Output
I - TEA7092 GENERAL INFORMATION (continued)
I.4 - Input / Output Configurations (continued)
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
13/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com