Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7092 Datasheet(PDF) 49 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 45Page - STMicroelectronics TEA7092 Datasheet HTML 46Page - STMicroelectronics TEA7092 Datasheet HTML 47Page - STMicroelectronics TEA7092 Datasheet HTML 48Page - STMicroelectronics TEA7092 Datasheet HTML 49Page - STMicroelectronics TEA7092 Datasheet HTML 50Page - STMicroelectronics TEA7092 Datasheet HTML 51Page - STMicroelectronics TEA7092 Datasheet HTML 52Page - STMicroelectronics TEA7092 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
t
t
V
SET (V)
0
5V max.
0
V
L (V)
2
Code (0 0101 01) Sent
Pulse DialingMode
Other Modes
Flash Other Modes
DP (
µP Output)
Figure 65 : Mask / No Mask Mode
V - DIALER FEATURES (continued)
V.2 - Sinewave Generator
The Sinewave generator is programmable like the
DTMF generator. This one generates the DTMF
frequencies divided by 2, in single tone mode in two
groups :
- CodeDTMF + code 0011101: 348,385,426, 470Hz
- CodeDTMF + code 0011110: 604,668, 738, 816Hz
The sinewave level on line is 8dB lower than the
DTMF dialing level.
This sinewave generator can be used in mute
mode to send on line a signal to advise the other
party than you are in Secret mode.
V.3 - Pulse Dialer Interface
In pulse dialing mode, if the code (0 0 1 0 1 0 1) is
used, the voltage across TEA7092 is reduced to 2V
on Pin VL (Pin 3), this way it is possible to achieve
a low voltage across the telephone set during the
make period of the pulse dialing sequence.
Figure 65 shows the DC voltage across TEA7092
and across the telephone set in pulse dialing mode.
Note : It is possible to generate an acoustic control
in the earphone in pulse dialing mode with the
code (0010101). This code should be sent twice
within the break period of the pulse dialing. For ex-
ample, if the break period is 60ms, send the code
(0010101) 10ms after the start of the break period
and send it again 10ms before the end of the break
period. This will generate a DC level change in the
earphone which will be audible.
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
49/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com