Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7092 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 14Page - STMicroelectronics TEA7092 Datasheet HTML 15Page - STMicroelectronics TEA7092 Datasheet HTML 16Page - STMicroelectronics TEA7092 Datasheet HTML 17Page - STMicroelectronics TEA7092 Datasheet HTML 18Page - STMicroelectronics TEA7092 Datasheet HTML 19Page - STMicroelectronics TEA7092 Datasheet HTML 20Page - STMicroelectronics TEA7092 Datasheet HTML 21Page - STMicroelectronics TEA7092 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
II - SPEECH FEATURES (continued)
II.2 - Impedance
32
26
31
30
3
19
16
15
TEA7092
R3
SLPE
AGND
V
CC
V
S
R11a
R11b
RECIN
V
L
SNLL
SNSL
C27
C12
R9
C9
R10
C8
V
LDC
+V
LAC
R6
C5
R5
R29
ZT
ZASL
ZALL
R13
R27
Zimp =
V
LAC
I
LAC
I
LDC +ILAC
Figure 22 : TEA7092 Application Impedance
ZT
Allows the user to adjust the set impedance
by changing the value of R10, R9 and C9 ;
In this way the impedance can be adjusted
as a real one (only R10) or as a complex one
(R10, R9, C9).
ZALL
ZALS
Sidetone networks which are in parallel with
ZT, if the ratio : R13/R11a>>1 and
R27/(R11a+R11b)>>1, ZALL and ZASL are
negligible for the impedance calculation.
ZIC
Is the internal impedance of TEA7092.
It includes the impedance of the transmit
path which is equivalent to a current source
in parallel with Cpc (3nF), the impedance of
all the other stages which are equivalent to
Rpc (15k
Ω) and the impedance of the shunt
regulator stage (AC/DC decoupling stage)
made on Pin 30 (VS).
TEA7092 application impedance is :
Zimp = ZT//ZIC//(ZALL + R11a + R11b)
//(ZASL + R11a)//CR1
As it will be describe in Section II.4, the sidetone
networks are equal to :
ZALL
=
R27
R11a
+ R11b
⋅ (ZT//CR1//ZLL)
ZASL
=
R13
R11a
⋅ (ZT//CR1//ZSL)
Where ZLL is the long line impedance, and ZSL is
the short line impedance.
If R27/(R11a+R11b) and R13/R11a are higher than
100 (R27 and R13 = 3.3k
Ω):
ZALL and ZASL >> ZT and : Zimp = ZT//ZIC//CR1
Figure 24 and the Table 1 give the TEA7092 appli-
cation characteristics at IL = 40mA.
Table 1 (RI
= 20 ⋅ log
[Zimp
+ 600]
[Zimp
− 600]
)
Frequency
(Hz)
Real
Part ()
Imaginary
Part ()
Module ()
Phase
(deg)
Return
Loss
[Rl] (dB)
200
550
80
556
8
21.7
300
573
67
577
7
24.2
800
604
22
605
2
34.6
1 000
606
12
607
1
38.8
1 500
608
-5
608
0
42.1
2 500
606
-28
607
-3
32.6
3 500
603
-43
605
-4
28.8
5 000
597
-67
601
-6
25
7 000
589
-94
596
-9
22
9 000
579
-119
591
-12
19.8
12 000
560
-154
581
-15
17.3
8
12
16
20
24
28
32
36
40
0.1
0.2 0.3
0.5
1
2
3
5
10
f (kHz)
I
L = 20mA
I
L = 100mA
Country Limit
Request
Figure 24 : Return Loss
Rslp
Lsh
Zsh =
R3 + (j x 2 x
π x f x R3 x R12 x C11)
55
Regulator Shunt
Impedance
Figure 23 : Zsh Impedance
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
18/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com