Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM368ZCEZ Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 64 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 60Page - Texas Instruments DM368ZCEZ Datasheet HTML 61Page - Texas Instruments DM368ZCEZ Datasheet HTML 62Page - Texas Instruments DM368ZCEZ Datasheet HTML 63Page - Texas Instruments DM368ZCEZ Datasheet HTML 64Page - Texas Instruments DM368ZCEZ Datasheet HTML 65Page - Texas Instruments DM368ZCEZ Datasheet HTML 66Page - Texas Instruments DM368ZCEZ Datasheet HTML 67Page - Texas Instruments DM368ZCEZ Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
3.6
Device Reset
There are five types of reset. The types of reset differ by how they are initiated and/or by their effect on
the chip. Each type is briefly described in Table 3-11 and further described in the TMS320DM36x DMSoC
ARM Subsystem Reference Guide (literature number SPRUFG5).
Table 3-11. Reset Types
Type
Initiator
Effect
POR (Power-On-Reset)
RESET pin low and TRST low
Total reset of the chip (cold reset).
Activates the POR signal on chip, which is used to reset
test/emulation logic.
Warm Reset
RESET pin low
Resets everything except for test/emulation logic.
ARM emulator stays alive during Warm reset.
Max Reset
ARM emulator or Watchdog Timer
Same effect as warm reset.
(WDT)
System Reset
ARM emulator
A soft reset.
Soft reset maintains memory contents, and does not affect or reset
clocks or power states.
Module Reset
ARM software
Can independently apply reset to each module, via an MMR.
Intended as a debug tool, and not necessarily for general use.
3.7
Default Device Configurations
After POR, warm reset, and max reset, the chip is in its default configuration. This section highlights the
default configurations associated with PLLs, clocks, ARM boot mode, and AEMIF.
Note: Default configuration is the configuration immediately after POR, warm reset, and max reset and
just before the boot process begins. The boot ROM updates the configuration. See Section 3.2 for more
information on the boot process.
3.7.1
Device Configuration Pins
The device configuration pins are described in Table 3-12. The device configuration pins are latched at
reset and allow you to configure all of the following options at reset:
•
ARM Boot Mode
•
Asynchronous EMIF pin configuration
These pins are described further in the following sections.
Note: The device configuration pins are multiplexed with AEMIF pins. After the device configuration pins
are sampled at reset, they automatically change to function as AEMIF pins. Pin multiplexing is described
in Section 3.5.
Table 3-12. Device Configuration
Default Setting (by internal
Sampled
pull-up/
Device Configuration Input
Function
Pin
pull-down)
BTSEL[2:0]
Selects ARM boot mode
EM_A[13:11]
000
000 = Boot from ROM (NAND)
(Boot from ROM - NAND)
001 = Boot from AEMIF
010 = Boot from ROM (MMC/SD)
011 = Boot from ROM (UART)
100 = Boot from ROM (USB)
101 = Boot from ROM (SPI)
110 = Boot from ROM (EMAC)
111 = Boot from ROM (HPI)
AECFG[2:0]
AEMIF Configuration(1)
EM_A[10:8]
000
AECFG[2] = '0' for 8-bit AEMIF configuration
(8-bit NAND)
AECFG[2] = '1' for 16-bit AEMIF configuration
(1)
Other supported AECFG[2:0] combinations can be found in Table 3-14.
64
Device Configurations
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com