Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM368ZCEZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 1 Page - Texas Instruments

  DM368ZCEZ Datasheet HTML 1Page - Texas Instruments DM368ZCEZ Datasheet HTML 2Page - Texas Instruments DM368ZCEZ Datasheet HTML 3Page - Texas Instruments DM368ZCEZ Datasheet HTML 4Page - Texas Instruments DM368ZCEZ Datasheet HTML 5Page - Texas Instruments DM368ZCEZ Datasheet HTML 6Page - Texas Instruments DM368ZCEZ Datasheet HTML 7Page - Texas Instruments DM368ZCEZ Datasheet HTML 8Page - Texas Instruments DM368ZCEZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
TMS320DM368
Digital Media System-on-Chip (DMSoC)
Check for Samples: TMS320DM368
1
TMS320DM368 Digital Media System-on-Chip (DMSoC)
1.1
Features
12
device
• Highlights
• ARM926EJ-S™ Core
– High-Performance Digital Media
System-on-Chip (DMSoC)
– Support for 32-Bit and 16-Bit
(Thumb
® Mode) Instruction Sets
– 432-MHz ARM926EJ-S Clock Rate
– DSP Instruction Extensions and Single Cycle
– Two Video Image Co-processors
MAC
(HDVICP, MJCP) Engines
– ARM® Jazelle® Technology
– Supports a Range of Encode, Decode, and
Video Quality Operations
– Embedded ICE-RT Logic for Real-Time
Debug
– Video Processing Subsystem
• ARM9 Memory Architecture
•
HW Face Detect Engine
– 16K-Byte Instruction Cache
•
Resize Engine from 1/16x to 8x
– 8K-Byte Data Cache
•
16-Bit Parallel AFE (Analog Front-End)
Interface Up to 120 MHz
– 32K-Byte RAM
•
4:2:2 (8-/16-bit) Interface
– 16K-Byte ROM
•
8-/16-bit YCC and Up to 24-Bit RGB888
– Little Endian
Digital Output
• Two Video Image Co-processors
•
3 DACs for HD Analog Video Output
(HDVICP, MJCP) Engines
•
Hardware On-Screen Display (OSD)
– Support a Range of Encode and Decode
Operations
– Capable of 1080p 30fps H.264 video
processing
– H.264, MPEG4, MPEG2, MJPEG, JPEG,
WMV9/VC1
– Peripherals include EMAC, USB 2.0 OTG,
DDR2/NAND, 5 SPIs, 2 UARTs, 2
• Video Processing Subsystem
MMC/SD/SDIO, Key Scan
– Front End Provides:
– 8 Different Boot Modes and Configurable
•
HW Face Detect Engine
Power-Saving Modes
•
Hardware IPIPE for Real-Time Image
– Pin-to-pin and software compatible with
Processing
DM365
– Resize Engine
– Extended temperature (-40ºC – 85ºC)
– Resize Images From 1/16x to 8x
available
– Separate Horizontal/Vertical
– 3.3-V and 1.8-V I/O, 1.35-V Core
Control
– 338-Pin Ball Grid Array at 65nm Process
– Two Simultaneous Output Paths
Technology
•
IPIPE Interface (IPIPEIF)
• High-Performance Digital Media
•
Image Sensor Interface (ISIF) and CMOS
System-on-Chip (DMSoC)
Imager Interface
– 432-MHz ARM926EJ-S Clock Rate
•
16-Bit Parallel AFE (Analog Front End)
– 4:2:2 (8-/16-Bit) Interface
Interface Up to 120 MHz
– Capable of 1080p 30fps H.264 video
•
Glueless Interface to Common Video
processing
Decoders
– Pin compatible with DM365 processors
•
BT.601/BT.656/BT.1120 Digital YCbCr
– Fully Software-Compatible With ARM9™
4:2:2 (8-/16-Bit) Interface
– Extended temperature available for 432-MHz
•
Histogram Module
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DM368ZCEZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM368ZCEZ TI1-DM368ZCEZ Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
More results

Similar Description - DM368ZCEZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
Digital Media System-on-Chip(DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com