Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM368ZCEZ Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DM368ZCEZ
Description  Digital Media System-on-Chip (DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM368ZCEZ Datasheet(HTML) 14 Page - Texas Instruments

Back Button DM368ZCEZ Datasheet HTML 10Page - Texas Instruments DM368ZCEZ Datasheet HTML 11Page - Texas Instruments DM368ZCEZ Datasheet HTML 12Page - Texas Instruments DM368ZCEZ Datasheet HTML 13Page - Texas Instruments DM368ZCEZ Datasheet HTML 14Page - Texas Instruments DM368ZCEZ Datasheet HTML 15Page - Texas Instruments DM368ZCEZ Datasheet HTML 16Page - Texas Instruments DM368ZCEZ Datasheet HTML 17Page - Texas Instruments DM368ZCEZ Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 208 page
background image
TMS320DM368
SPRS668C
– APRIL 2010 – REVISED JUNE 2011
www.ti.com
2.6
Memory Map Summary
Table 2-3 shows the memory map address ranges of the device. Table 2-4 depicts the expanded map of
the Configuration Space (0x01C0 0000 through 0x01FF FFFF). The device has multiple on-chip memories
associated with its processor and various subsystems. To help simplify software development a unified
memory map is used where possible to maintain a consistent view of device resources across all bus
masters. The bus masters are the ARM, EDMA, EMAC, USB, HPI, MJCP, HDVICP and VPSS. The
Master Peripherals are EMAC, USB, and HPI. Please refer to Section 4 for more details.
Table 2-3. Memory Map
Start Address
End Address
Size (Bytes)
ARM
EDMA
Master Periph
VPSS
Mem Map
Mem Map
Mem Map
Mem Map
0x0000 0000
0x0000 3FFF
16K
ARM RAM0
(Instruction)
0x0000 4000
0x0000 7FFF
16K
ARM RAM1
Reserved
Reserved
(Instruction)
0x0000 8000
0x0000 BFFF
16K
ARM ROM
(Instruction)
0x0000 C000
0x0000 FFFF
16K
Reserved
0x0001 0000
0x0001 3FFF
16K
ARM RAM0 (Data)
ARM RAM0
ARM RAM0
0x0001 4000
0x0001 7FFF
16K
ARM RAM1 (Data)
ARM RAM1
ARM RAM1
0x0001 8000
0x0001 BFFF
16K
ARM ROM
ARM ROM
ARM ROM
0x0001 C000
0x000F FFFF
912K
Reserved
0x0010 0000
0x01BB FFFF
26M
0x01BC 0000
0x01BC 0FFF
4K
ARM ETB Mem
0x01BC 1000
0x01BC 17FF
2K
ARM ETB Reg
Reserved
0x01BC 1800
0x01BC 18FF
256
ARM IceCrusher
Reserved
0x01BC 1900
0x01BC FFFF
59136
Reserved
0x01BD 0000
0x01BF FFFF
192K
0x01C0 0000
0x01FF FFFF
4M
CFG Bus
CFG Bus
CFG Bus
Peripherals
Peripherals
Peripherals
0x0200 0000
0x09FF FFFF
128M
ASYNC EMIF (Data) ASYNC EMIF (Data)
0x0A00 0000
0x11EF FFFF
127M - 16K
Reserved
Reserved
0x11F0 0000
0x11F1 FFFF
128K
MJCP DMA Port
MJCP DMA Port
0x11F2 0000
0x11FF FFFF
896K
Reserved
Reserved
0x1200 0000
0x1207 FFFF
512K
HDVICP DMA Port1
HDVICP DMA Port1
HDVICP
DMA Port1
0x1208 0000
0x120F FFFF
512K
Reserved
HDVICP DMA Port2
Reserved
0x1210 0000
0x1217 FFFF
512K
HDVICP DMA Port3
0x1218 0000
0x1FFF FFFF
222.5M
Reserved
0x2000 0000
0x2000 7FFF
32K
DDR EMIF Control
DDR EMIF Control
Regs
Regs
0x2000 8000
0x41FF FFFF
544M-32K
0x4200 0000
0x49FF FFFF
128M
Reserved
Reserved
0x4A00 0000
0x7FFF FFFF
864M
0x8000 0000
0x8FFF FFFF
256M
DDR EMIF
DDR EMIF
DDR EMIF
DDR EMIF
0x9000 0000
0xFFFF FFFF
1792M
Reserved
Reserved
Reserved
Reserved
14
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com